Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F8963 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74F8963
Description  9-Bit latched bidirectional Futurebus transceivers open-collector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F8963 Fiches technique(HTML) 4 Page - NXP Semiconductors

  74F8963 Datasheet HTML 1Page - NXP Semiconductors 74F8963 Datasheet HTML 2Page - NXP Semiconductors 74F8963 Datasheet HTML 3Page - NXP Semiconductors 74F8963 Datasheet HTML 4Page - NXP Semiconductors 74F8963 Datasheet HTML 5Page - NXP Semiconductors 74F8963 Datasheet HTML 6Page - NXP Semiconductors 74F8963 Datasheet HTML 7Page - NXP Semiconductors 74F8963 Datasheet HTML 8Page - NXP Semiconductors 74F8963 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors FAST Products
Product specification
74F8962/8963
9-Bit latched bidirectional Futurebus transceivers
(open-collector)
March 11, 1993
4
LOGIC DIAGRAM
B0
B1
B2
B3
B4
B5
B6
B7
B8
Data
E
Q
VCC = Pin 1, 23
GND = Pin 6, 12, 18, 27, 29, 31, 33, 37, 39, 41
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
42
40
38
36
34
32
30
28
26
AI0
AO0
AI1
AO1
AI2
AO2
AI3
AO3
AI4
AO4
AI5
AO5
AI6
AO6
AI7
AO7
AI8
AO8
2
3
4
5
7
8
9
10
11
13
14
15
16
17
19
20
21
22
OEAB
LEBA
LEAB
OEBA
25
43
24
44
B0
B1
B2
B3
B4
B5
B6
B7
B8
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
Data
E
Q
42
40
38
36
34
32
30
28
26
AI0
AO0
AI1
AO1
AI2
AO2
AI3
AO3
AI4
AO4
AI5
AO5
AI6
AO6
AI7
AO7
AI8
AO8
2
3
4
5
7
8
9
10
11
13
14
15
16
17
19
20
21
22
OEAB
LEBA
LEAB
OEBA
25
43
24
44
74F8962
74F8963
Data
E


Numéro de pièce similaire - 74F8963

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74F8960 PHILIPS-74F8960 Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8961 PHILIPS-74F8961 Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
74F8966 PHILIPS-74F8966 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
More results

Description similaire - 74F8963

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74F8960 PHILIPS-74F8960 Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
FB2031 PHILIPS-FB2031 Datasheet
187Kb / 18P
   9-bit latched/registered/pass-thru Futurebus transceiver
1995 May 25
74F777 PHILIPS-74F777 Datasheet
98Kb / 12P
   Triple bidirectional latched bus transceiver 3-State open collector
1992 May 19
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
logo
Texas Instruments
CY74FCT16543T TI-CY74FCT16543T Datasheet
70Kb / 8P
[Old version datasheet]   16-Bit Latched Transceivers
CY74FCT16543T TI1-CY74FCT16543T_15 Datasheet
1,008Kb / 22P
[Old version datasheet]   16-Bit Latched Transceivers
logo
Micrel Semiconductor
SY10H602 MICREL-SY10H602 Datasheet
71Kb / 4P
   9-BIT LATCHED
logo
NXP Semiconductors
FBL22031 PHILIPS-FBL22031 Datasheet
168Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
2000 Apr 18
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
FB2033 PHILIPS-FB2033 Datasheet
173Kb / 10P
   8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1995 May 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com