Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA42156M010AA Fiches technique(PDF) 3 Page - DB Lectro Inc

No de pièce CA42156M010AA
Description  CA42 Dipped Tantalum Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DBLECTRO [DB Lectro Inc]
Site Internet  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CA42156M010AA Fiches technique(HTML) 3 Page - DB Lectro Inc

  CA42156M010AA Datasheet HTML 1Page - DB Lectro Inc CA42156M010AA Datasheet HTML 2Page - DB Lectro Inc CA42156M010AA Datasheet HTML 3Page - DB Lectro Inc CA42156M010AA Datasheet HTML 4Page - DB Lectro Inc CA42156M010AA Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CA42 Dipped Tantalum Capacitors.
YHC
MAX.DCL
MAX DF
Part Number
25
æ
æ
æ
æ
25
æ
æ
æ
æ 120HZ
Cap.Tol.–10%
(uA)
(%)
4.7
A
CA42475M004AA
0.5
6
6.8
A
CA42685M004AA
0.5
6
10
A
CA42106M004AA
0.5
8
15
A
CA42156M004AA
0.6
8
22
B
CA42226M004AA
0.8
8
33
B
CA42336M004AA
1.3
8
47
C
CA42476M004AA
1.8
8
68
D
CA42686M004AA
2.7
8
100
D
CA42107M004AA
4
10
150
E
CA42157M004AA
6
10
220
E
CA42227M004AA
8.8
10
330
F
CA42337M004AA
13.2
10
3.3
A
CA42335M006AA
0.5
6
4.7
A
CA42475M006AA
0.5
6
6.8
A
CA42685M006AA
0.5
6
10
B
CA42106M006AA
0.6
8
15
B
CA42156M006AA
0.9
8
22
C
CA42226M006AA
1.3
8
33
C
CA42336M006AA
2
8
47
D
CA42476M006AA
2.9
8
68
D
CA42686M006AA
4.2
8
100
E
CA42107M006AA
6.3
10
150
E
CA42157M006AA
9.4
10
220
E
CA42227M006AA
13.8
10
330
F
CA42337M006AA
20.7
10
2.2
A
CA42225M010AA
0.5
6
3.3
A
CA42335M010AA
0.5
6
4.7
A
CA42475M010AA
0.5
6
6.8
B
CA42685M010AA
0.6
6
10
B
CA42106M010AA
1
8
15
C
CA42156M010AA
1.5
8
22
C
CA42226M010AA
2.2
8
33
D
CA42336M010AA
3.3
8
47
D
CA42476M010AA
4.7
8
68
D
CA42686M010AA
6.8
8
100
E
CA42107M010AA
10
10
150
E
CA42157M010AA
15
10
220
F
CA42227M010AA
22
10
4 Volt Rating at +85
æ
æ
æ
æ (2.5Volt Rating at +125æ
æ
æ
æ)
6.3 Volt Rating at +85
æ
æ
æ
æ (4Volt Rating at +125æ
æ
æ
æ)
10 Volt Rating at +85
æ
æ
æ
æ (6.3Volt Rating at +125æ
æ
æ
æ)
Cap. (uF)
Case
Code
Standard Rating
DB LECTRO Inc.
DB LETRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Numéro de pièce similaire - CA42156M010AA

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
CA4200 VISHAY-CA4200 Datasheet
98Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
CA4220 VISHAY-CA4220 Datasheet
98Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
More results

Description similaire - CA42156M010AA

FabricantNo de pièceFiches techniqueDescription
logo
Dubilier
SH1016TR DUBILIER-SH1016TR Datasheet
206Kb / 3P
   CAPACITORS TANTALUM DIPPED SH
SH1016TR DUBILIER-SH1016TR_11 Datasheet
243Kb / 3P
   CAPACITORS TANTALUM DIPPED SH
logo
AVX Corporation
TAP107K020CRW AVX-TAP107K020CRW Datasheet
141Kb / 4P
   SOLID TANTALUM RESIN DIPPED CAPACITORS
logo
NIC-Components Corp.
NDTM NIC-NDTM Datasheet
214Kb / 3P
   Resin Dipped, Solid Tantalum Capacitors
logo
Dubilier
SH DUBILIER-SH Datasheet
243Kb / 3P
   TANTALUM DIPPED
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Suntan Capacitors
TS19 SUNTAN-TS19 Datasheet
1Mb / 1P
   TANTALUM CAPACITOR- DIPPED
TS19 SUNTAN-TS19_17 Datasheet
930Kb / 1P
   TANTALUM CAPACITOR- DIPPED
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com