Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ES-21-CV1-2-FPCR-A5 Datasheet(Fiches technique) 5 Page - DB Lectro Inc

Numéro de pièce ES-21-CV1-2-FPCR-A5
Description  Sealed Sub-Miniature Push button Switches
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  DBLECTRO [DB Lectro Inc]
Site Internet  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

ES-21-CV1-2-FPCR-A5 Datasheet(HTML) 5 Page - DB Lectro Inc

  ES-21-CV1-2-FPCR-A5 Datenblatt HTML 1Page - DB Lectro Inc ES-21-CV1-2-FPCR-A5 Datenblatt HTML 2Page - DB Lectro Inc ES-21-CV1-2-FPCR-A5 Datenblatt HTML 3Page - DB Lectro Inc ES-21-CV1-2-FPCR-A5 Datenblatt HTML 4Page - DB Lectro Inc ES-21-CV1-2-FPCR-A5 Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
1
2
3
Comm
SCHEMATIC
1
2
3
Comm
SCHEMATIC
Model
No.
Switching position
Term. Comm.
ES-20
off
Mom
open
2-1
SCHEMATIC
Model
No.
Switching position
Term. Comm.
ES-26A
on
Mom
ES-27A
on
Mom
2-1
2-3
Model
No.
Switching position
Term. Comm.
ES-26
off
Mom
ES-27
off
Mom
open
2-1
SCHEMATIC
Model
No.
Switching position
Term. Comm.
ES-20A
on
Mom
2-1
2-3
CONTACT MATERIAL OPTIONS
THE P.C.B MOUNTING
Cap and Actuator Option / Cap color Option / Plunger Option please see the page D15
CODE
CONTACT MATERIAL
TERMINAL MATERIAL
RATING
Q
R
G
K
Silver plated
Gold plated over nickel plated
Gold plated over silver plated
Gold plated over nickel plated
Silver plated
Gold plated over nickel plated
Gold plated over silver plated
Tin-lead over nickel plated
0.4VA MAX @ 20 V AC or DC MAX
1 A @ 120V AC or 28 V DC;
0.4 VA MAX @ 20 V AC or DC MAX or
1 A @ 120V AC or 28 V DC;
0.4VA MAX @ 20 V AC or DC MAX
THE K option is only for ES-26/ES-26A/ES-27/ES-27A
ES-20- R
ES-20A- R
SPST
SPDT
ES-20
ES-20A
ES-26
ES-26A
ES-27
ES-27A
ES-26A- K / ES-27A-K
ES-26K / ES-27K
SPST
SPDT
ES40-P
Sealed Sub-Miniature Push button Switches
17
D
.410
10.40
.148
3.78
8.13
.320
EPOXY SEAL
.030
0.76
.100
2.54
5.46
.215
.162
4.11
.020
0.51
.020
0.62
5.08
.200
5.08
.200
.320
8.13
.410
10.40
.148
3.78
8.13
.320
EPOXY SEAL
.030
0.76
.100
2.54
5.46
.215
.162
4.11
.020
0.51
.020
0.62
5.08
.200
.320
8.13
.100
2.54
.080
2.03
.140
3.56
.090
7.62
.150
3.81
.300
2.29
.080
2.03
.080
2.03
.300
2.29
.150
3.81
.040
1.02
.140
3.56
.090
7.62
.080
2.03
.271
6.90
.313
7.96
.031
0.80
.070
1.80
.313
7.96
.082
2.10
.031
0.80
.100
2.54
.070
1.80
.271
6.90
.200
5.08
.082
2.10
.082
2.10
.313
7.96
.313
7.96
.082
2.10
.031
0.80
.031
0.80
.100
2.54
.070
1.80
.271
6.90
.039 dia
1.00 dia
.150
3.81
.271
6.90
.070
1.80
.039 dia
1.00 dia
.150
3.81
.200
5.08
EPOXY SEAL
.083
2.10
.150
3.81
.320
8.13
.162
4.11
.200
5.08
.050
1.27
.039
1.00
with positioning pings: ES-26-K
without positioning pings:ES-27-K
.100
2.54
.215
5.46
.149
3.78
.200
5.08
EPOXY SEAL
.083
2.10
.150
3.81
.320
8.13
.162
4.11
.200
5.08
.100
2.54
.050
1.27
.039
1.00
with positioning pings: ES-26A-K
without positioning pings:ES-27A-K
.100
2.54
.215
5.46
.149
3.78
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn