Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F822 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 74F822
Description  Bus interface registers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F822 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 74F822 Datasheet HTML 5Page - NXP Semiconductors 74F822 Datasheet HTML 6Page - NXP Semiconductors 74F822 Datasheet HTML 7Page - NXP Semiconductors 74F822 Datasheet HTML 8Page - NXP Semiconductors 74F822 Datasheet HTML 9Page - NXP Semiconductors 74F822 Datasheet HTML 10Page - NXP Semiconductors 74F822 Datasheet HTML 11Page - NXP Semiconductors 74F822 Datasheet HTML 12Page - NXP Semiconductors 74F822 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Philips Semiconductors
Product specification
74F821/822/823/824/825/826
Bus interface registers
1996 Jan 05
9
LOGIC DIAGRAM FOR 74F826
VCC = Pin 24
GND = Pin 12
D0
D
R
Q
Q0
D1
Q1
3
22
D2
Q2
4
21
D3
Q3
5
20
D4
Q4
6
19
D5
Q5
7
18
D6
Q6
8
17
D7
Q7
9
16
10
15
CP
CE
14
11
MR
1
OE0
SF00505A
13
CP
2
23
OE1
OE2
D
R
Q
CP
D
R
Q
CP
D
R
Q
CP
D
R
Q
CP
D
R
Q
CP
D
R
Q
CP
D
R
Q
CP
FUNCTION TABLE FOR 74F825 AND 74F826
INPUTS
OUTPUTS
INPUTS
74F825
74F826
OPERATING MODE
OEn
MR
CE*
CP
Dn
Q
Q
L
L
X
X
X
L
L
Clear
L
H
L
h
H
L
Load and read data
L
H
L
l
L
H
Load and read data
L
H
H
X
X
NC
NC
Hold
H
X
X
X
X
Z
Z
High impedance
H = High-voltage level
h
= High state must be present one setup time before the low-to-high clock transition
L
= Low-voltage level
l
= Low state must be present one setup time before the low-to-high clock transition
NC= No change
X = Don’t care
Z = High impedance “off” state
*
= Since CE input is sensitive to very short (<3ns) high-to-low-to-high going spikes while CP is high, users should avoid the use of decoders
or other potentially glitch prone device on the CE input.
↑ = Low-to-high clock transition
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in high output state
–0.5 to VCC
V
IOUT
Current applied to output in low output state
128
mA
T
Operating free air temperature range
Commercial range
0 to +70
°C
Tamb
Operating free-air temperature range
Industrial range
–40 to +85
°C
Tstg
Storage temperature range
–65 to +150
°C


Numéro de pièce similaire - 74F822

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74F821 NSC-74F821 Datasheet
153Kb / 8P
   10-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74F821 FAIRCHILD-74F821 Datasheet
49Kb / 6P
   10-Bit D-Type Flip-Flop
74F821 FAIRCHILD-74F821 Datasheet
59Kb / 6P
   10-Bit D-Type Flip-Flop
logo
National Semiconductor ...
74F821SC NSC-74F821SC Datasheet
153Kb / 8P
   10-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74F821SC FAIRCHILD-74F821SC Datasheet
49Kb / 6P
   10-Bit D-Type Flip-Flop
More results

Description similaire - 74F822

FabricantNo de pièceFiches techniqueDescription
logo
Pericom Semiconductor C...
PI74FCT821T PERICOM-PI74FCT821T Datasheet
85Kb / 7P
   Fast CMOS Bus Interface Registers
logo
Integrated Device Techn...
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
logo
List of Unclassifed Man...
WS59820 ETC1-WS59820 Datasheet
574Kb / 9P
   CMOS / BI - DIRECTIONAL BUS INTERFACE REGISTERS
logo
Texas Instruments
CY74FCT821T TI-CY74FCT821T Datasheet
86Kb / 10P
[Old version datasheet]   8-/9-/10-Bit Bus Interface Registers
CD74FCT651 TI1-CD74FCT651 Datasheet
181Kb / 11P
[Old version datasheet]   BiCMOS FCT Interface Logic, Octal Bus Transceivers/Registers, Three-State
CD54AC646 TI1-CD54AC646_15 Datasheet
909Kb / 14P
[Old version datasheet]   Octal-Bus Transceiver/Registers
SN54LS646 TI-SN54LS646 Datasheet
440Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS651 TI-SN54LS651_07 Datasheet
457Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS846 TI1-SN54LS846_15 Datasheet
985Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com