Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STQ-2016 Fiches technique(PDF) 8 Page - SIRENZA MICRODEVICES

No de pièce STQ-2016
Description  700-2500 MHz Direct Quadrature Modulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIRENZA [SIRENZA MICRODEVICES]
Site Internet  
Logo SIRENZA - SIRENZA MICRODEVICES

STQ-2016 Fiches technique(HTML) 8 Page - SIRENZA MICRODEVICES

  STQ-2016 Datasheet HTML 1Page - SIRENZA MICRODEVICES STQ-2016 Datasheet HTML 2Page - SIRENZA MICRODEVICES STQ-2016 Datasheet HTML 3Page - SIRENZA MICRODEVICES STQ-2016 Datasheet HTML 4Page - SIRENZA MICRODEVICES STQ-2016 Datasheet HTML 5Page - SIRENZA MICRODEVICES STQ-2016 Datasheet HTML 6Page - SIRENZA MICRODEVICES STQ-2016 Datasheet HTML 7Page - SIRENZA MICRODEVICES STQ-2016 Datasheet HTML 8Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
8
EDS-102083 Rev F
STQ-2016 Direct Quadrature Modulator
LO
Match
0
90
0
90
LO-
BBQ+
BBI-
LO+
RF
Match
+
VOCM
-
VCC
50
50
2K
2K
499
499
-4dBm
LO
RF+
RF-
RF out
50
5.11K
5.11K
10K
24.9
BBI
BBQ
+
VOCM
-
VCC
50
50
2K
2K
499
499
50
5.11K
5.11K
10K
24.9
1K
1K
VCC
VCC
STQ-x016
DC levels for BBIN, BBIP, BBQN,
BBQP are 1.9V nominal. The offset
required to null carrier feedthrough
is typically <20mV.
600mV p-p differential
600mV p-p differential
+5V
200kHz sine
145mV amplitude
0 degree phase
200kHz sine
145mV amplitude
+90 degree phase
- for intermodulation tests,
synthesizer set for
200kHz and 220kHz sine
outputs on I and Q
channels
BBI+
BBQ-
AD8138
AD8138
Direct Quadrature Modulator: General Test Set-Up


Numéro de pièce similaire - STQ-2016

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
List of Unclassifed Man...
STQ-2016-3Z ETC1-STQ-2016-3Z Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016-3Z SIRENZA-STQ-2016-3Z Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
List of Unclassifed Man...
STQ-2016Z ETC1-STQ-2016Z Datasheet
216Kb / 9P
   Reliability Qualification Report
More results

Description similaire - STQ-2016

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
   2500 -4000 MHz Direct Quadrature Modulator
logo
Stanford Microdevices
STQ-3016 STANFORD-STQ-3016 Datasheet
222Kb / 8P
   2500 - 4000 MHz Direct Quadrature Modulator
logo
Skyworks Solutions Inc.
SKY73010 SKYWORKS-SKY73010 Datasheet
136Kb / 8P
   300 - 2500 MHz Direct Quadrature Modulator
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
Analog Devices
ADL5372ACPZ-R7 AD-ADL5372ACPZ-R7 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com