Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAW567DW Fiches technique(PDF) 1 Page - Weitron Technology

No de pièce BAW567DW
Description  Surface Mount Switching Multi-Chip Diode Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEITRON [Weitron Technology]
Site Internet  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAW567DW Fiches technique(HTML) 1 Page - Weitron Technology

  BAW567DW Datasheet HTML 1Page - Weitron Technology BAW567DW Datasheet HTML 2Page - Weitron Technology BAW567DW Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Switching Multi-Chip
Diode Array
Mechanical Data:
* Case : SOT-363
* For General Purpose Switching Applications
* Fast Switching Speed
* High Conductance
* Easily Connected As Full Wave Bridge
* Case Material : Molded Plastic. UL Flammability
Classification Ration 94V-0
* Moisture Sensitivity : Level 1 per J-STD-020C
* Terminals : Solderable per MIL-STD-202, Method 208
* Polarity : See Diagram
* Weight : 0.006 grams(appro)
Features:
WEITRON
BAV70DW
BAV756DW
BAV99BRW
BAV99DW
BAW567DW
BAW56DW
MULTI-CHIP DIODES
150m AMPERES
75 VOLTS
hpp://www.weitron.com.tw
SOT-363
1 2
3
6 5
4
SOT-363 Outline Dimensions
Unit:mm
1
2
3
A
K
J
M
L
6
5
4
B
D
H
E
C
Dim
A
B
C
D
E
H
J
K
L
M
Min
0.10
1.15
2.00
0.30
1.80
-
0.80
0.25
0.10
0.65 REF
Max
0.30
1.35
2.20
0.40
2.20
0.10
1.10
0.40
0.25
SOT-363
1/3
27-Sep-05
Lead(Pb)-Free
P b


Numéro de pièce similaire - BAW567DW

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAW567DW DIODES-BAW567DW Datasheet
52Kb / 2P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30147 Rev. B-1
BAW567DW DIODES-BAW567DW Datasheet
355Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30147 Rev. 8 - 2
logo
Guangdong Kexin Industr...
BAW567DW KEXIN-BAW567DW Datasheet
43Kb / 1P
   Quad Surface Mount Switching Diode Array
logo
Diodes Incorporated
BAW567DW DIODES-BAW567DW Datasheet
125Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 10 - 2 February 2008
logo
Weitron Technology
BAW567DW WEITRON-BAW567DW Datasheet
1Mb / 3P
   Surface Mount Switching Multi-Chip
More results

Description similaire - BAW567DW

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
MMBD4448HAQW WEITRON-MMBD4448HAQW Datasheet
2Mb / 4P
   Surface Mount Switching Multi-Chip Diode Array
BAS16TDW WEITRON-BAS16TDW Datasheet
335Kb / 3P
   Surface Mount Switching Multi-Chip Diode Array
WIMN10 WEITRON-WIMN10 Datasheet
309Kb / 3P
   Surface Mount Switching Multi-Chip Diode Array
logo
SeCoS Halbleitertechnol...
BAS16TW SECOS-BAS16TW Datasheet
566Kb / 2P
   Multi-Chip Switching Diode Array
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW_09 Datasheet
85Kb / 3P
   SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 13 - 2 January 2009
BAW56DW DIODES-BAW56DW_08 Datasheet
125Kb / 3P
   SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 10 - 2 March 2008
BAV70DV DIODES-BAV70DV_15 Datasheet
96Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAW56HDW DIODES-BAW56HDW Datasheet
363Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAS16HTW DIODES-BAS16HTW Datasheet
334Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAV99DWQ DIODES-BAV99DWQ Datasheet
195Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com