Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A1015 Fiches technique(PDF) 2 Page - Weitron Technology

No de pièce A1015
Description  PNP General Purpose Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEITRON [Weitron Technology]
Site Internet  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

A1015 Fiches technique(HTML) 2 Page - Weitron Technology

  A1015 Datasheet HTML 1Page - Weitron Technology A1015 Datasheet HTML 2Page - Weitron Technology A1015 Datasheet HTML 3Page - Weitron Technology A1015 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Collector Output Capacitance
VCB = -10V, IE = 0, f = 1MHz
Noise Figure
VCE = -6V, IC = -0.1mA, Rg = 10kΩ, f = 1KMHz
TransitionFrequence
VCE = -10V, IC= -1mA, f = 30MHz
-
-
-
-
-
-
-
-
400
V
ON CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
70
CLASSIFICATION OF hFE1
Rank
Range
Y
O
70-140
-0.3
WEITRON
http://www.weitron.com.tw
VBE(sat)
V
-1.1
80
19
-
pF
-
-
6
dB
-
GR
120-240
200-400
Cob
NF
MHz
VCE(sat)
fT
Base-Emitter Voltage
IC=-100mA, IB=-10mA
hFE1
DC Current Gain
VCE=-6.0V, IC=-2.0mA
Collector-Emitter Saturation Voltage
IC=-100mA, IB=-10mA
A1015
2/4
14-Feb-06
Characteristics
Symbol
Min
Typ
Max
Unit


Numéro de pièce similaire - A1015

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
A1015 PANASONIC-A1015 Datasheet
48Kb / 2P
   Photo Interrupters
logo
GUANGDONG HOTTECH INDUS...
A1015 HOTTECH-A1015 Datasheet
216Kb / 2P
   Plastic-Encapsulate Transistors
logo
Toshiba Semiconductor
A1015 TOSHIBA-A1015 Datasheet
156Kb / 2P
   PNP EPITAXIAL TYPE(AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER, DRIVER STAGE AMPLIFIER)
logo
Jiangsu High diode Semi...
A1015 HDSEMI-A1015 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
A1015 UTC-A1015 Datasheet
62Kb / 2P
   PNP EPITAXIAL SILICON TRANSISTOR
More results

Description similaire - A1015

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com