Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1898 Fiches technique(PDF) 1 Page - Weitron Technology

No de pièce 2SD1898
Description  Epitaxial Planar NPN Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEITRON [Weitron Technology]
Site Internet  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SD1898 Fiches technique(HTML) 1 Page - Weitron Technology

  2SD1898 Datasheet HTML 1Page - Weitron Technology 2SD1898 Datasheet HTML 2Page - Weitron Technology 2SD1898 Datasheet HTML 3Page - Weitron Technology 2SD1898 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base Voltage
Symbol
Limits
Unit
Rating
Symbol
Parameter
Min
Typ
Max
Unit
ELECTRICAL CHARACTERISTICS
Collector-Emitter Breakdown Voltage(Ic=1mA,I =0 )
Collector-Base Breakdown Voltage(Ic=50uA, I =0)
Emitter-Base Breakdown Voltage(I =50uA, I =0)
Collector Cutoff Current(V =80V, I =0)
Emitter Cutoff Current(V =4V, I =0)
CEO
CBO
EBO
ICBO
IEBO
2SD1898
Tstg
P
WEITRON
http://www.weitron.com.tw
Epitaxial Planar NPN Transistors
(Ta=25
)
100
80
5
1
2
0.5
Collector Power Dissipation
I
I
A(DC)
W
Junction Temperature,
T ,j
150,
Storage Temperature
-55 to +150
C
CP
1
2
3
1. BASE
2. COLLECTOR
3. EMITTER
SOT-89
C
C
Collector Current
C
VCBO
VCEO
VEBO
A (Pulse)*
Vdc
Vdc
Vdc
* Single pulse Pw = 20ms
BV
BV
BV
100
80
5
-
-
-
-
-
1
1
-
-
-
-
-
V
V
V
uA
uA
%
(Ta=25
unless otherwise noted )
C
E
CB
EB
E
E
B
C
C


Numéro de pièce similaire - 2SD1898

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SD1898 ROHM-2SD1898 Datasheet
89Kb / 4P
   Power Transistor (80V, 1A)
2SD1898 ROHM-2SD1898 Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Unisonic Technologies
2SD1898 UTC-2SD1898 Datasheet
123Kb / 3P
   POWER TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
2SD1898 WINNERJOIN-2SD1898 Datasheet
176Kb / 2P
   TRANSISTOR (NPN)
logo
Rohm
2SD1898 ROHM-2SD1898 Datasheet
96Kb / 5P
   Power Transistor (80V, 1A)
More results

Description similaire - 2SD1898

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
2SD1664 WEITRON-2SD1664 Datasheet
278Kb / 5P
   NPN Epitaxial Planar Transistors
2SD669 WEITRON-2SD669 Datasheet
245Kb / 5P
   NPN Epitaxial Planar Transistors
2SD2150 WEITRON-2SD2150 Datasheet
216Kb / 4P
   NPN Epitaxial Planar Transistors
LB123T WEITRON-LB123T Datasheet
328Kb / 4P
   NPN Epitaxial Planar Transistors
KTD1898 WEITRON-KTD1898 Datasheet
175Kb / 4P
   Epitaxial Planar NPN Transistors
logo
Micro Commercial Compon...
KTC3876-Y MCC-KTC3876-Y Datasheet
778Kb / 2P
   Epitaxial Planar NPN Transistors
logo
Weitron Technology
WTM2222A WEITRON-WTM2222A Datasheet
193Kb / 4P
   NPN Epitaxial Planar Transistors
BD233 WEITRON-BD233 Datasheet
180Kb / 3P
   NPN Epitaxial Planar Transistors
KTA1664 WEITRON-KTA1664 Datasheet
114Kb / 3P
   NPN Epitaxial Planar Transistors
logo
Micro Commercial Compon...
KTC3875-Y MCC-KTC3875-Y Datasheet
924Kb / 3P
   Epitaxial Planar NPN Transistors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com