Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-BG11-L0TDD Fiches technique(PDF) 5 Page - Agilent(Hewlett-Packard)

No de pièce HLMP-BG11-L0TDD
Description  Oval Precision Optical Performance AlInGaP and InGaN Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-BG11-L0TDD Fiches technique(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMP-BG11-L0TDD Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-BG11-L0TDD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-BG11-L0TDD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-BG11-L0TDD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-BG11-L0TDD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-BG11-L0TDD Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-BG11-L0TDD Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-BG11-L0TDD Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-BG11-L0TDD Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Package Dimensions
5.00
± 0.20
(0.197
± 0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71
± 0.20
(0.343
± 0.008)
2.54
± 0.38
(0.100
± 0.015)
0.50
± 0.10
(0.020
± 0.004)
SQ. TYP.
CATHODE
LEAD
5.00
± 0.20
(0.197
± 0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71
± 0.20
(0.343
± 0.008)
2.54
± 0.38
(0.100
± 0.015)
0.50
± 0.10
(0.020
± 0.004)
SQ. TYP.
CATHODE
LEAD
1.50
±0.15
(0.059
± 0.006)
5.00
± 0.20
(0.197
± 0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71
± 0.20
(0.343
± 0.008)
2.54
± 0.38
(0.100
± 0.015)
0.50
± 0.10
(0.020
± 0.004)
SQ. TYP.
CATHODE
LEAD
5.00
± 0.20
(0.197
± 0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71
± 0.20
(0.343
± 0.008)
2.54
± 0.38
(0.100
± 0.015)
0.50
± 0.10
(0.020
± 0.004)
SQ. TYP.
CATHODE
LEAD
1.50
±0.15
(0.059
± 0.006)
A
B
C
D
11.70
+ 0.13
– 0.08
0.461
+ 0.005
– 0.003 )
(
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
2. LEADS ARE MILD STEEL, SOLDER DIPPED.
3. TAPERS SHOWN AT TOP OF LEADS (BOTTOM OF LAMP PACKAGE) INDICATE AN
EPOXY MENISCUS THAT MAY EXTEND ABOUT 1 mm (0.040 IN.) DOWN THE LEADS.
4. RECOMMENDED PC BOARD HOLE DIAMETERS:
– LAMP PACKAGES A AND C WITHOUT STAND-OFFS: FLUSH MOUNTING AT BASE
OF LAMP PACKAGE = 1.143/1.067 mm (0.044/0.042 IN.).
– LAMP PACKAGES B AND D WITH STAND-OFFS: MOUNTING AT LEAD STAND-OFFS.


Numéro de pièce similaire - HLMP-BG11-L0TDD

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BGXX AVAGO-HLMP-BGXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results

Description similaire - HLMP-BG11-L0TDD

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com