Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F14 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 74F14
Description  Hex inverter Schmitt trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F14 Fiches technique(HTML) 2 Page - NXP Semiconductors

  74F14 Datasheet HTML 1Page - NXP Semiconductors 74F14 Datasheet HTML 2Page - NXP Semiconductors 74F14 Datasheet HTML 3Page - NXP Semiconductors 74F14 Datasheet HTML 4Page - NXP Semiconductors 74F14 Datasheet HTML 5Page - NXP Semiconductors 74F14 Datasheet HTML 6Page - NXP Semiconductors 74F14 Datasheet HTML 7Page - NXP Semiconductors 74F14 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
74F14
Hex inverter Schmitt trigger
2
November 26, 1990
853 0331 01123
FEATURE
Industrial temperature range available (–40°C to +85°C)
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL SUPPLY
CURRENT
(TOTAL)
74F14
5.0ns
18mA
DESCRIPTION
The 74F14 contains six logic inverters which accept standard TTL
input signals and provide standard TTL output levels. They are
capable of transforming slowly changing input signals into sharply
defined, jitter free output signals. In addition, they have greater noise
margin than conventional inverters. Each circuit contains a Schmitt
trigger followed by a Darlington level shifter and a phase splitter
driving a TTL totem-pole output. The Schmitt trigger uses positive
feedback to effectively speed-up slow input transitions, and provide
different input threshold voltages for positive-going and negative-going
input threshold (typically 800mV) is determined internally by resistor
ratios and is insensitive to temperature and supply voltage variations.
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
Q4
D3
Q3
D4
D5
Q5
D0
Q0
Q2
D1
Q1
D2
SF00028
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
INDUSTRIAL RANGE
VCC = 5V ±10%, Tamb = –40°C to +85°C
PKG DWG #
14-pin plastic DIP
N74F14N
I74F14N
SOT27-1
14-pin plastic SO
N74F14D
I74F14D
SOT108-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
Dn
Data inputs
1.0/1.0
20
µA/0.6mA
Qn
Data output
50/33
1.0mA/20mA
NOTE:
1
One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC DIAGRAM
VCC = Pin 14
GND = Pin 7
SF00029
2
4
6
8
10
12
Q0
Q1
Q2
Q3
Q4
Q5
1
3
5
9
11
13
D0
D1
D2
D3
D4
D5
FUNCTION TABLE
INPUTS
OUTPUT
Dn
Qn
L
H
H
L
NOTES:
H = High voltage level
L
= Low voltage level


Numéro de pièce similaire - 74F14

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74F14 NSC-74F14 Datasheet
152Kb / 8P
   Hex Inverter Schmitt Trigger
logo
NXP Semiconductors
74F14 PHILIPS-74F14 Datasheet
85Kb / 10P
   8-input priority encoder
1990 Mar 01
logo
Fairchild Semiconductor
74F14 FAIRCHILD-74F14 Datasheet
50Kb / 4P
   Hex Inverter Schmitt Trigger
74F14 FAIRCHILD-74F14 Datasheet
61Kb / 6P
   8-Line to 3-Line Priority Encoder
74F14 FAIRCHILD-74F14 Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
More results

Description similaire - 74F14

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
KODENSHI_AUK CORP.
KK74LS14 KODENSHI-KK74LS14 Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
   HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com