Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NFSW036BT Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce NFSW036BT
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

NFSW036BT Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button NFSW036BT Datasheet HTML 5Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 6Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 7Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 8Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 9Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 10Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 11Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 12Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
-8-
Color Coordinates Measurement allowance is ± 0.01.
Nichia STSE-CC5129A
<Cat.No.051007>
ICI Chromaticity Diagram
0
x
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
480
620
550
540
530
520
580
570
560
600
610
590
630
470
460
490
510
500
b3
c1
b4
a0
b5
b6
b7
b8
c2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
NSSW020AT SPECIFICATION FOR NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPWF50BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NECW008AT NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW515B SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW510BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW315BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPL500S SPECIFICATIONS FOR NICHIA WARM WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
LT1550W Full Color Dot Matrix LED Unit for Indoor Use Chip Type 1  2  Sharp Electrionic Components
TB62734FMG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
LT1560ED Dot Matrix LED Unit for Indoor Use Chip Type 1  2  Sharp Electrionic Components

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn