Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NFSW036BT Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers

No de pièce NFSW036BT
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

NFSW036BT Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button NFSW036BT Datasheet HTML 6Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 7Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 8Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 9Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 10Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 11Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 12Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 13Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Taping is based on the JIS C 0806 : Packaging of Electronic
Components on Continuous Tapes.
2,000pcs/Reel
Reel End of Tape
Taping PART
Reel PART
XXXX LED
TYPE NFSx036xT
LOT XXXXXX-△■
QTY
pcs
Label
13
+1
-0
15.4
±1
φ180
+0
-3
No LEDs
Top cover tape
No LEDs
LEDs mounting part
Embossed carrier tape
Pull direction
Reel Lead Min.400mm
Reel Lead Min.160mm (No LEDs is more than 40)
Reel Lead Min.40mm (No LEDs)
Cathode mark
2
±0.05
4
±0.1
8
±0.1
φ1.5
+0.2
-0
1
±0.1
0.2
±0.05
3.85
±0.1
φ1.5
+0.1
-0
Unit
mm
NICHIA CORPORATION
No.
TAPING DIMENSIONS
050620537332
Title
Model
NFSx036xT
Allow
Scale


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
NSSW020AT SPECIFICATION FOR NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPWF50BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NECW008AT NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW515B SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW510BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW315BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPL500S SPECIFICATIONS FOR NICHIA WARM WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
LT1550W Full Color Dot Matrix LED Unit for Indoor Use Chip Type 1  2  Sharp Electrionic Components
TB62734FMG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
LT1560ED Dot Matrix LED Unit for Indoor Use Chip Type 1  2  Sharp Electrionic Components

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn