Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NFSW036BT Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce NFSW036BT
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

NFSW036BT Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button NFSW036BT Datasheet HTML 6Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 7Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 8Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 9Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 10Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 11Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 12Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 13Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Model
NFSW036B
NICHIA CORPORATION Title
No.
050920545121
CHARACTERISTICS
0°C
25°C
50°C
85°C
-30°C
40mA
180mA
350mA
20mA
80mA
150mA
1.0
0.5
0
1.2
1.0
0.8
0.4
0.2
0
0.6
Ambient Temperature vs.
Chromaticity Coordinate
Directivity
Spectrum
Forward Current vs.
Chromaticity Coordinate
Radiation Angle
x
Wavelength
λ (nm)
Ta=25°C
IFP=150mA
Ta=25°C
IF=150mA
x
10° 20°
30°
40°
50°
60°
70°
80°
90°
IFP=150mA
Ta=25°C
30°
0.5
90°
60°
1.0
350
550
650
750
450
0.34
0.33
0.31
0.30
0.32
0.29
0.30
0.31
0.32
0.33
0.34
0.33
0.31
0.30
0.32
0.29
0.30
0.31
0.32
0.33


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
NSSW020AT SPECIFICATION FOR NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPWF50BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NECW008AT NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW515B SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW510BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW315BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPL500S SPECIFICATIONS FOR NICHIA WARM WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
LT1550W Full Color Dot Matrix LED Unit for Indoor Use Chip Type 1  2  Sharp Electrionic Components
TB62734FMG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
LT1560ED Dot Matrix LED Unit for Indoor Use Chip Type 1  2  Sharp Electrionic Components

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn