Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NFSW036BT Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce NFSW036BT
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

NFSW036BT Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NFSW036BT Datasheet HTML 6Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 7Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 8Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 9Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 10Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 11Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 12Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 13Page - List of Unclassifed Manufacturers NFSW036BT Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Model
NFSW036B
NICHIA CORPORATION Title
No.
050920545111
CHARACTERISTICS
Forward Current IFP (mA)
Ambient Temperature vs.
Allowable Forward Current
Ambient Temperature Ta (°C)
Ambient Temperature Ta (°C)
Ambient Temperature vs.
Forward Voltage
Ambient Temperature Ta (°C)
Duty Ratio (%)
Forward Voltage VF (V)
Forward Voltage vs.
Forward Current
Duty Ratio vs.
Allowable Forward Current
1
5
10 20
100
50
Ta=25°C
Ta=25°C
Ta=25°C
1000
150
100
50
10
2.0
1.0
0.5
0.2
IFP=150mA
2.5
2.0
0.5
0
1.5
1.0
1000
500
350
180
100
250
200
150
0
50
180
100
IFP=100mA
IFP=150mA
Pulse Width <
= 10msec.
0100
400
500
300
200
Rja=90°C/W
Rja=150°C/W
Rja=120°C/W
5.0
4.5
4.0
3.5
3.0
2.5
2.5
3.0
3.5
4.0
5.0
4.5
80 100 120
40
020
60
Ambient Temperature vs.
Relative Luminous Flux
Forward Current vs.
Relative Luminous Flux
020
60 80 100
40
-40 -20
0
20
60 80 100
40
-40 -20


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
NSSW020AT SPECIFICATION FOR NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPWF50BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NECW008AT NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW515B SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW510BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPW315BS SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSPL500S SPECIFICATIONS FOR NICHIA WARM WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
LT1550W Full Color Dot Matrix LED Unit for Indoor Use Chip Type 1  2  Sharp Electrionic Components
TB62734FMG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
LT1560ED Dot Matrix LED Unit for Indoor Use Chip Type 1  2  Sharp Electrionic Components

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn