Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KA-3528PWC Datasheet(Fiches technique) 3 Page - Kingbright Corporation

Numéro de pièce KA-3528PWC
Description  3.5x2.8mm SURFACE MOUNT LED LAMP
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-3528PWC Datasheet(HTML) 3 Page - Kingbright Corporation

  KA-3528PWC Datenblatt HTML 1Page - Kingbright Corporation KA-3528PWC Datenblatt HTML 2Page - Kingbright Corporation KA-3528PWC Datasheet HTML 3Page - Kingbright Corporation KA-3528PWC Datenblatt HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: KDA0691
REV NO: V.1
DATE: OCT/18/2001
PAGE: 3 OF 4
APPROVED :J.LU
CHECKED :
DRAWN:X.Q.ZHENG
White KA-3528PWC
KA-3528PWC
SMT Reflow Soldering Instruction
Number of reflow process shall be less than 2 times and cooling
process to normal temperature is required between first and
second soldering process.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
GHB-PLCC-CW3.5x2.8mm SURFACE MOUNT LED LAMP 1 2 3 4 Gilway Technical Lamp
QTLP282SURFACE MOUNT LED LAMP FLAT TYPE 1 2 3 4 5 Fairchild Semiconductor
QTLP600C-RSURFACE MOUNT LED LAMP SUPER BRIGHT 0603 0.8 mm Height 1 2 3 4 5 MoreFairchild Semiconductor
QTLP600C-RYSURFACE MOUNT LED LAMP SUPER BRIGHT 0606 1 2 3 4 5 MoreFairchild Semiconductor
QTLP630C-RSURFACE MOUNT LED LAMP SUPER BRIGHT 0805 1 2 3 4 5 MoreFairchild Semiconductor
QTLP600CSURFACE MOUNT LED LAMP STANDARD BRIGHT 0606 1 2 3 4 5 MoreFairchild Semiconductor
QTLP601CSURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 0.6 mm Height 1 2 3 4 5 MoreFairchild Semiconductor
AA40404.0 X 4.0 MM SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
QTLP680C-RYSURFACE MOUNT LED LAMP SUPER BRIGHT REFLECTOR DUAL COLOR 1 2 3 4 5 MoreFairchild Semiconductor
QTLP603C-EBSURFACE MOUNT LED LAMP 0603 0.35 mm Height 1 2 3 4 5 MoreFairchild Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn