Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

VND5012AK-E Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce VND5012AK-E
Description  DOUBLE CHANNEL HIGH SIDE DRIVER WITH ANALOG CURRENT SENSE FOR AUTOMOTIVE APPLICATIONS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5012AK-E Fiches technique(HTML) 5 Page - STMicroelectronics

  VND5012AK-E Datasheet HTML 1Page - STMicroelectronics VND5012AK-E Datasheet HTML 2Page - STMicroelectronics VND5012AK-E Datasheet HTML 3Page - STMicroelectronics VND5012AK-E Datasheet HTML 4Page - STMicroelectronics VND5012AK-E Datasheet HTML 5Page - STMicroelectronics VND5012AK-E Datasheet HTML 6Page - STMicroelectronics VND5012AK-E Datasheet HTML 7Page - STMicroelectronics VND5012AK-E Datasheet HTML 8Page - STMicroelectronics VND5012AK-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
VND5012AK-E
ELECTRICAL CHARACTERISTICS (continued)
Table 8. Logic Input
Table 9. Protections and Diagnostics (see note 2)
Note: 2. To ensure long term reliability under heavy overload or short circuit conditions, protection and related diagnostic signals must be
used together with a proper software strategy. If the device operates under abnormal conditions this software must limit the duration
and number of activation cycles.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
0.9
V
IIL
Low level input current
VIN=0.9 V
1
µA
VIH
Input high level voltage
2.1
V
IIH
High level input current
VIN= 2.1 V
10
µA
VI(hyst)
Input hysteresis voltage
0.25
V
VICL
Input clamp voltage
IIN=1mA
IIN=-1mA
5.5
-0.7
TBD
V
V
VCSDL
CS_DIS low level voltage
0.9
V
ICSDL
Low level CS_DIS current
VCSD= 0.9V
1
µA
VCSDH
CS_DIS high level voltage
2.1
V
ICSDH
High level CS_DIS current
VCSD= 2.1 V
10
µA
VCSD(hyst)
CS_DIS hysteresis voltage
0.25
V
VCSCL
CS_DIS clamp voltage
ICSD=1mA
ICSD=-1mA
5.5
-0.7
TBD
V
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IlimH
DC Short circuit current
VCC=13V
5V<VCC<36V
40
60
80
80
A
A
IlimL
Short circuit current
during thermal cycling
VCC=13V; TR<Tj<TTSD
24
A
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature
TRS + 1 TRS + 5
°C
TRS
Thermal reset of STATUS
135
°C
THYST
Thermal hysteresis
(TTSD-TR)
7°C
VDEMAG
Turn-off output voltage
clamp
IOUT=2A; VIN=0; L=6mH
VCC-41 VCC-46 VCC-52
V
VON
Output voltage drop
limitation
IOUT=0.4A
Tj= -40°C...+150°C (see fig. 9)
25
mV


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn