Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVCH16244DGG Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74AVCH16244DGG
Description  16-bit buffer/line driver; 3.6 V tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVCH16244DGG Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74AVCH16244DGG Datasheet HTML 2Page - NXP Semiconductors 74AVCH16244DGG Datasheet HTML 3Page - NXP Semiconductors 74AVCH16244DGG Datasheet HTML 4Page - NXP Semiconductors 74AVCH16244DGG Datasheet HTML 5Page - NXP Semiconductors 74AVCH16244DGG Datasheet HTML 6Page - NXP Semiconductors 74AVCH16244DGG Datasheet HTML 7Page - NXP Semiconductors 74AVCH16244DGG Datasheet HTML 8Page - NXP Semiconductors 74AVCH16244DGG Datasheet HTML 9Page - NXP Semiconductors 74AVCH16244DGG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2000 Mar 07
6
Philips Semiconductors
Product Specification
16-bit buffer/line driver; 3.6 V tolerant;
3-state
74AVCH16244
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Above 60
°C the value of PD derates linearly with 5.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
DC supply voltage
according to JEDEC Low
Voltage Standards
1.4
1.6
V
1.65
1.95
V
2.3
2.7
V
3.0
3.6
V
for low-voltage applications
1.2
3.6
V
VI
DC input voltage
0
3.6
V
VO
DC output voltage
output 3-state
0
3.6
V
output HIGH or LOW state
0
VCC
V
Tamb
operating ambient temperature
in free air
−40
+85
°C
tr, tf
input rise and fall ratios
VCC = 1.4 to 1.6 V
0
40
ns/V
VCC = 1.65 to 2.3 V
0
30
ns/V
VCC = 2.3 to 3.0 V
0
20
ns/V
VCC = 3.0 to 3.6 V
0
10
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
DC supply voltage
−0.5
+4.6
V
IIK
DC input diode current
VI <0
−−50
mA
VI
DC input voltage
for inputs; note 1
−0.5
+4.6
V
IOK
DC output clamping diode current
VO <0
−−50
mA
VO
DC output voltage
output HIGH or LOW state;
note 1
−0.5
VCC + 0.5 V
output 3-state; note 1
−0.5
+4.6
V
IO
DC output sink current
VO =0toVCC
50
mA
ICC, IGND
DC VCC or GND current
−±100
mA
Tstg
storage temperature
−65
+150
°C
PD
power dissipation per package
for temperature range:
−40 to +85 °C; note 2
500
mW


Numéro de pièce similaire - 74AVCH16244DGG

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVCH16244DGG NEXPERIA-74AVCH16244DGG Datasheet
220Kb / 14P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 2 - 20 February 2018
More results

Description similaire - 74AVCH16244DGG

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AVCH16244 PHILIPS-74AVCH16244_15 Datasheet
94Kb / 16P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
2000 Mar 07
74AVC16244 PHILIPS-74AVC16244_15 Datasheet
93Kb / 16P
   16-bit buffer/line driver; 3-state (3.6 V tolerant)
1999 Nov 15
74AVC16244 PHILIPS-74AVC16244 Datasheet
79Kb / 16P
   16-bit buffer/line driver; 3-state 3.6 V tolerant
1999 Nov 15
logo
Nexperia B.V. All right...
74AVCH16244 NEXPERIA-74AVCH16244 Datasheet
220Kb / 14P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 2 - 20 February 2018
74AVC16244 NEXPERIA-74AVC16244 Datasheet
217Kb / 15P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 3 - 20 February 2018
logo
NXP Semiconductors
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com