Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OMR9605SC Fiches technique(PDF) 3 Page - International Rectifier

No de pièce OMR9605SC
Description  1 M Rad(Si) Ultra Low Dropout Adjustable Linear Regulator Hermetic Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

OMR9605SC Fiches technique(HTML) 3 Page - International Rectifier

  OMR9605SC Datasheet HTML 1Page - International Rectifier OMR9605SC Datasheet HTML 2Page - International Rectifier OMR9605SC Datasheet HTML 3Page - International Rectifier OMR9605SC Datasheet HTML 4Page - International Rectifier OMR9605SC Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.irf.com
3
OMR9605SC, OMR9605SF
OMR9605 Ripple Rejection vs. Frequency
0
20
40
60
80
100
120
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
3A
1.5A
.75A
.50A
OMR9605
Vout
ADJ
Vin
SHDN
GND
100uF 16V
Tantalum
1.0uF
Ceramic
X7R
220uF 6.3V
Tantalum
Adjust
Resistor
R1
Vout = Vref x (1+R1/1000)
In order to maintain regulation and stability speci-
fied additional input and output bulk capacitors are
recommended. Capacitors recommended above
should be low ESR tantalums with tolerances of +/-
20% max. Internal to the product are a 4.7uF input
capacitor and a 4.7uF output capacitor in parallel
with a 0.33uF ceramic capacitor.
Shutdown: The regulator can be shutdown by apply-
ing a voltage >1.6V to pin 4. The regulator will restart
when the SHDN pin is pulled below the shutdown
threshold of 1.0V. If remote shutdown is not required,
pin 4 shold be connected to GND to insure a safe
“off” state.


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn