Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OMR9605SC Fiches technique(PDF) 2 Page - International Rectifier

No de pièce OMR9605SC
Description  1 M Rad(Si) Ultra Low Dropout Adjustable Linear Regulator Hermetic Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

OMR9605SC Fiches technique(HTML) 2 Page - International Rectifier

  OMR9605SC Datasheet HTML 1Page - International Rectifier OMR9605SC Datasheet HTML 2Page - International Rectifier OMR9605SC Datasheet HTML 3Page - International Rectifier OMR9605SC Datasheet HTML 4Page - International Rectifier OMR9605SC Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.irf.com
OMR9605SC, OMR9605SF
Electrical Characteristics @ TA= 25°C (Unless Otherwise Specified)
Electrical Characteristics TA= -55 to +125°C
Parameter
Conditions
Symbol
Min.
Typ.
Max
Unit
Input Voltage Range-
Operating
Io= 3.0A
4.5
6.5
V
Reference Voltage
Vref
1.252
1.265
1.305
V
4.75 ≤ Vin ≤ 5.25, Io=
3.0A
-100
+100
mV
4.5 ≤ Vin ≤ 5.5, Io= 50mA
-5
+5
mV
Vin= 5.0V
10ma
≤ Iout ≤ 3.0A
Dropout Voltage
Io= 3.0A. Vin= 5.0V
Vdrop
0.4
V
Current Limit
Vin= 5.0V, Overcurrent
Latchup
Ilatch
3.0
A
Ripple Rejection
F= 120 Hz., Vout= Vref
65
dB
Shutdown Source Current
Vshdn= 5V
Ishdn
200
uA
Shutdown Pin Threshold
Isource= 200uA
Vshdn
1.0
1.6
V
Vin= 5.0V, Io= 50mA,
Shdn= +5.0V
Line Regulation
Vline
Load Regulation
Vload
-20
+20
mV
Output Voltage at Shutdown
Vout
(shdn)
-0.1
+0.1
V
Parameter
Conditions
Symbol
Min.
Typ.
Max
Unit
Input Voltage Range-
Operating
Io= 3.0A
4.5
5.5
V
Reference Voltage
Vref
1.225
1.265
1.305
V
4.75 ≤ Vin ≤ 5.25, Io=
3.0A
-150
+150
mV
4.5 ≤ Vin ≤ 5.5, Io= 50mA
-150
+150
mV
Vin= 5.0V
10ma ≤ Iout ≤ 3.0A
Dropout Voltage
Io= 3.0A. Vin= 5.0V
Vdrop
0.4
V
Current Limit
Vin= 5.0V, Overcurrent
Latchup
Ilatch
3.0
A
Ripple Rejection
F= 120 Hz., Vout= Vref
65
dB
Shutdown Source Current
Vshdn= 5V
Ishdn
200
uA
Shutdown Pin Threshold
Isource= 200uA
Vshdn
1.0
1.6
V
Vin= 5.0V, Io= 50mA,
Shdn= +5.0V
+150
mV
Output Voltage at Shutdown
Vout
(shdn)
-0.1
+0.1
V
Line Regulation
Vline
Load Regulation
Vload
-150
Shutdown
Vin
Vout
Ground
Drive
Gnd
Adjust
Simplified Schematic


Html Pages

1  2  3  4  5