Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SIDC56D120E6 Fiches technique(PDF) 1 Page - Infineon Technologies AG

No de pièce SIDC56D120E6
Description  Fast switching diode chip in EMCON-Technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIDC56D120E6 Fiches technique(HTML) 1 Page - Infineon Technologies AG

  SIDC56D120E6 Datasheet HTML 1Page - Infineon Technologies AG SIDC56D120E6 Datasheet HTML 2Page - Infineon Technologies AG SIDC56D120E6 Datasheet HTML 3Page - Infineon Technologies AG SIDC56D120E6 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary
SIDC56D120E6
Edited by INFINEON Technologies AI PS DD HV3, L 4222P, Edition 1, 8.01.2002
Fast switching diode chip in EMCON-Technology
This chip is used for:
EUPEC power modules and
discrete devices
FEATURES:
1200V EMCON technology 130 µm chip
soft, fast switching
low reverse recovery charge
small temperature coefficient
Applications:
SMPS, resonant applications,
drives
A
C
Chip Type
VR
IF
Die Size
Package
Ordering Code
SIDC56D120E6
1200V
75A
7.5 x 7.5 mm
2
sawn on foil
Q67050-A4127-
A001
MECHANICAL PARAMETER:
Raster size
7.5 x 7.5
Area total / active
56.25 / 46.65
Anode pad size
6.78 x 6.78
mm
2
Thickness
130
µm
Wafer size
150
mm
Flat position
180
deg
Max. possible chips per wafer
248 pcs
Passivation frontside
Photoimide
Anode metallisation
3200 nm AlSiCu
Cathode metallisation
1400 nm Ni Ag –system
suitable for epoxy and soft solder die bonding
Die bond
electrically conductive glue or solder
Wire bond
Al,
≤500µm
Reject Ink Dot Size
∅ 0.65mm ; max 1.2mm
Recommended Storage Environment
store in original container, in dry nitrogen,
< 6 month at an ambient temperature of 23°C


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
SIDC01D120H6 Fast switching diode chip in EMCON-Technology 1  2  3  4  Infineon Technologies AG
SIDC23D120H6 Fast switching diode chip in EMCON-Technology 1  2  3  4  Infineon Technologies AG
SIDC56D120F6 Fast switching diode chip in EMCON-Technology 1  2  3  4  Infineon Technologies AG
SIDC08D120F6 Fast switching diode chip in EMCON-Technology 1  2  3  4  Infineon Technologies AG
SIDC56D170E6 Fast switching diode chip in EMCON-Technology 1  2  3  4  Infineon Technologies AG
SIDC02D60F6 Fast switching diode chip in EMCON-Technology 1  2  3  4  Infineon Technologies AG
SIDC08D120H6 Fast switching diode chip in EMCON-Technology 1  2  3  4  Infineon Technologies AG
SIDC30D60E6 Fast switching diode chip in EMCON-Technology 1  2  3  4  Infineon Technologies AG
SIDC73D170E6 Fast switching diode chip in EMCON-Technology 1  2  3  4  Infineon Technologies AG
SIDC09D60E6 Fast switching diode chip in EMCON-Technology 1  2  3  4  Infineon Technologies AG

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn