Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SIDC23D120H6 Fiches technique(PDF) 2 Page - Infineon Technologies AG

No de pièce SIDC23D120H6
Description  Fast switching diode chip in EMCON-Technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIDC23D120H6 Fiches technique(HTML) 2 Page - Infineon Technologies AG

  SIDC23D120H6 Datasheet HTML 1Page - Infineon Technologies AG SIDC23D120H6 Datasheet HTML 2Page - Infineon Technologies AG SIDC23D120H6 Datasheet HTML 3Page - Infineon Technologies AG SIDC23D120H6 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary
SIDC23D120H6
Edited by INFINEON Technologies AI PS DD HV3, L 4272S, Edition 1, 8.01.2002
Maximum Ratings
Parameter
Symbol
Condition
Value
Unit
Repetitive peak reverse voltage
V RRM
1200
V
Continuous forward current limited by
Tjmax
I F
35
Single pulse forward current
(depending on wire bond configuration)
I FSM
tP = 10 ms sinusoidal
tbd
Maximum repetitive forward current
limited by Tjmax
I FRM
70
A
Operating junction and storage
temperature
Tj , Tstg
-55...+150
°C
Static Electrical Characteristics (tested on chip), Tj=25 °C, unless otherwise specified
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
Reverse leakage current
I R
V R=1200V
Tj=25 ° C
27
µA
Cathode-Anode
breakdown Voltage
V Br
I R=4mA
Tj=25°C
1200
V
Forward voltage drop
V F
I F=35A
Tj=25 ° C
1.6
V
Dynamic Electrical Characteristics, at Tj = 25 °C, unless otherwise specified, tested at component
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
t rr1
IF=35A
Tj =25°C
tbd
Reverse recovery time
t rr2
di/dt=950A/
µs
VR=600V
Tj =125°C
ns
I RRM1
Tj =25°C
47
Peak recovery current
I RRM2
IF=35A
di/dt=950A/
µs
VR= 600V
Tj =125°C
49.5
A
Qrr1
Tj=25 ° C
3.75
Reverse recovery charge
Qrr2
IF=35A
di/dt=950A/
µs
VR= 600V
Tj=125 ° C
6.8
µC
dirr1/dt
Tj= 25 ° C
tbd
Peak rate of fall of reverse
recovery current
dirr2/dt
IF=35A
di/dt=950A/
µs
VR= 600V
Tj=125 ° C
A/
µs
S1
Tj=25 ° C
tbd
Softness
S2
IF=35A
di/dt=950A/
µs
VR= 600V
Tj=125 ° C
1


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
SIDC01D120H6 Fast switching diode chip in EMCON-Technology 1  2  3  4  Infineon Technologies AG
SIDC56D120F6 Fast switching diode chip in EMCON-Technology 1  2  3  4  Infineon Technologies AG
SIDC08D120F6 Fast switching diode chip in EMCON-Technology 1  2  3  4  Infineon Technologies AG
SIDC30D60E6 Fast switching diode chip in EMCON-Technology 1  2  3  4  Infineon Technologies AG
SIDC56D170E6 Fast switching diode chip in EMCON-Technology 1  2  3  4  Infineon Technologies AG
SIDC02D60F6 Fast switching diode chip in EMCON-Technology 1  2  3  4  Infineon Technologies AG
SIDC08D120H6 Fast switching diode chip in EMCON-Technology 1  2  3  4  Infineon Technologies AG
SIDC30D120E6 Fast switching diode chip in EMCON-Technology 1  2  3  4  Infineon Technologies AG
SIDC73D170E6 Fast switching diode chip in EMCON-Technology 1  2  3  4  Infineon Technologies AG
SIDC09D60E6 Fast switching diode chip in EMCON-Technology 1  2  3  4  Infineon Technologies AG

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn