Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FCA-325-YV8 Fiches technique(PDF) 2 Page - Tyco Electronics

No de pièce FCA-325-YV8
Description  Mid-Range Military/Aerospace Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

FCA-325-YV8 Fiches technique(HTML) 2 Page - Tyco Electronics

  FCA-325-YV8 Datasheet HTML 1Page - Tyco Electronics FCA-325-YV8 Datasheet HTML 2Page - Tyco Electronics FCA-325-YV8 Datasheet HTML 3Page - Tyco Electronics FCA-325-YV8 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
17
COIL DATA
* Max. contact opening under vibration or shock 10 microseconds
NOMINAL
VOLTAGES
FREQ.
HZ
DC RES.
AC AMPS (B)
PICKUP OR
BELOW VOLTS
OVER TEMPERATURE RANGE
COIL
CODE
MUST HOLD
VOLTAGE (C)
DROPOUT OR
ABOVE VOLTS
A. CODE 4 COILS HAVE BACK EMF SUPPRESSION
TO 42 VOLTS MAX.
B. DC COIL RESISTANCE
± 10% AT 25˚C;
AC COIL MAX. CURRENT AT NOMINAL VOLTAGE.
C. RELAY WILL STAY IN PICKED-UP STATE DOWN TO
MUST HOLD VOLTAGES SHOWN.
D. MAX. OVER-VOLTAGE: 6 & 12 VDC COILS 120% OF
NOMINAL; ALL OTHERS 110% OF NOMINAL.
E. COILS AVAILABLE FOR OTHER VOLTAGES AND
FOR AC 50/60HZ.
NOTE: Only DC Coil Models are QPL Approved.
-70˚C TO + 125˚C
300,000 FEET
200 g FOR 6 mS
100 g FOR 6 mS
30 g 33-3000Hz
20 g 33-3000Hz
0.4 g2/Hz 50-2000Hz
0.2 g2/Hz 50-2000Hz
1250 V rms
1000 V rms
350 V rms
100 M
MINIMUM
50 M
MINIMUM
15 ms OR LESS
20 ms OR LESS
15 ms OR LESS
50 ms OR LESS
Z, Y, & V ENCLOSURES
W, X & M ENCLOSURES
Z, Y, & V ENCLOSURES
W, X & M ENCLOSURES
Z, Y, & V ENCLOSURES
W, X & M ENCLOSURES
ALL CIRCUITS TO GROUND AND
CIRCUIT TO CIRCUIT.
COIL TO GROUND
INITIAL (500 VDC)
AFTER LIFE OR ENVIRONMENTAL TESTS
DC RELAYS
AC RELAYS
DC RELAYS
AC RELAYS
GENERAL SPECIFICATIONS
TEMPERATURE RATING:
ALTITUDE:
SHOCK:*
VIBRATION, SINUSOIDAL:*
VIBRATION, RANDOM: *
DIELECTRIC STRENGTH
AT SEA LEVEL:
DIELECTRIC STRENGTH
AT 80,000 FEET:
INSULATION RESISTANCE:
OPERATE TIME AT NOMINAL VOLTAGE:
RELEASE TIME AT NOMINAL VOLTAGE:
1
2
3
4 (A)
5
6
7
8
9
6
12
28
28
48
28
28
115
115
DC
DC
DC
DC
DC
400HZ
50/400Hz
400 Hz
50/400Hz
18
70
290
290
865
225 mA
120 mA
40 mA
30 mA
4.5
9.0
18.0
18.0
32.0
22.0
22.0
90.0
95.0
0.3
0.75
1.5
1.5
2.5
1.25
1.25
5.0
5.0
2.5
4.5
7.0
7.0
14.0
10.0
10.0
40.0
40.0
FCA-325
25 AMPERES, 3PDT
SERIES
Tyco Electronics Mid-Range Military/Aerospace Relays


Numéro de pièce similaire - FCA-325-YV8

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
FCA-325-BZ4 MACOM-FCA-325-BZ4 Datasheet
147Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays 10 AMPERES, DPDT
More results

Description similaire - FCA-325-YV8

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FCA-210 ETC2-FCA-210 Datasheet
144Kb / 4P
   Mid-Range Military/Aerospace Relays
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
Tyco Electronics
FCA-325-BZ4 MACOM-FCA-325-BZ4 Datasheet
147Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays 10 AMPERES, DPDT
logo
List of Unclassifed Man...
FCB-205 ETC2-FCB-205 Datasheet
83Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays 5 AMPERES, DPDT
logo
Tyco Electronics
HFW1201K00 MACOM-HFW1201K00 Datasheet
92Kb / 2P
   Military Aerospace High Performance Relays
HFW1130K06 MACOM-HFW1130K06 Datasheet
122Kb / 2P
   Military/Aerospace High Performance Relays
logo
Pulse A Technitrol Comp...
T-330SCT PULSE-T-330SCT Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
logo
ITT Industries
D20419-80 ITT-D20419-80 Datasheet
8Mb / 386P
   Military/Aerospace
logo
Littelfuse
M83530 LITTELFUSE-M83530 Datasheet
78Kb / 10P
   Varistor Products - Aerospace and Military
logo
ITT Industries
M83723 ITT-M83723 Datasheet
69Kb / 1P
   Circular; Aerospace Commercial Industrial Military
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com