Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ZL40511 Fiches technique(PDF) 1 Page - Zarlink Semiconductor Inc

No de pièce ZL40511
Description  Dual Output DVD and CD 4 Channel Laser Diode Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40511 Fiches technique(HTML) 1 Page - Zarlink Semiconductor Inc

  ZL40511 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2004, Zarlink Semiconductor Inc. All Rights Reserved.
Features
• Single 5 V supply (±10%)
• 150 mA low-noise read channel with 100 x
current gain
• Three 500 mA write channels with 240 x gain
• Dual output for DVD/CD laser
• Rise and fall times 1 ns typical
• Oscillator, 500 MHz, 100 mA with external
resistor control of frequency and amplitude
Power Up/Down control
• CMOS control signals
• > 2 kV ESD
• Low Rth QFN package
• Contact Zarlink for available Custom Gain and
Input Impedance options
Applications
• DVD±RW/RAM
•DVD±R
•CD-RW
•CD-R
• Write optical drives
• Laser Diode current switch
January 2004
Ordering Information
ZL40511LCE
(tubes) 24 lead QFN
ZL40511LCF
(tape and reel) 24 lead QFN
ZL40515LCE
(tubes) 24 lead QFN
ZL40515LCF
(tape and reel) 24 lead QFN
-40
°C to +85°C
ZL40511/15
Dual Output DVD and CD
4 Channel Laser Diode Drivers
Data Sheet
Figure 1 - Functional Block Diagram
15
16
13
9
8
4
22
21
17
GND_IN
GND
GND
GND
INR
IN2
IN3
OSCEN
RFA
SELA
OUTA
OUTB
GND
19
PWR_UP
3
2
1
24
/EN2
GND
/EN3
20
22
GND
IN4
6
5
N/C
/EN4
14
VCC_B
18
VCC_A
10
RFB
11
RSA
12
RSB
VCC_IN
7
N/C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn