Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ZL40511 Fiches technique(PDF) 6 Page - Zarlink Semiconductor Inc

No de pièce ZL40511
Description  Dual Output DVD and CD 4 Channel Laser Diode Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40511 Fiches technique(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button ZL40511 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL40511 Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ZL40511/15
Data Sheet
6
Zarlink Semiconductor Inc.
1.4
Electrical and Optical Pulse Response
Figure 2 - Pulse Response Model
Figure 3 illustrates a simplified model of the typical ZL40511/15 and the application. The ZL40511/15 consists of an
ideal switched current source and an equivalent model of the ZL40510/15 output stage. The Electrical Model for the
Laser Diode is a Voltage source Vd (V_on) in series with the On Resistance Rd all in parallel with the Junction
Capacitance Cd. This simplified model approximately represents the Laser Diode Electrical load when operated
beyond the Laser Threshold. To a first approximation, the Optical output is proportional to the current flow in the
Resistor Rd.
The Laser Diode and the ZL40511/15 are connected together buy interconnect tracks with the return current
passing through the supply decoupling bypass capacitor between ground and output Vcc.
The ZL40511/15 can be approximated to an ideal switched programmed current source with a propagation delay of
Iout_on (1.2 nS) and a switch transition time of 400 ps. The final output electrical pulse response parameters, Trise,
Tfall, Overshoot and Undershoot are determined by the combined electrical network as illustrated in Figure 3.
For example, the Rise Time and Fall time for large current steps can be slew rate limited by the combined
interconnect and fixed interconnect inductance. The Fixed Inductance represents that associated with packaging
and minimum interconnect distance. The Interconnect Inductance is that associated with the additional tracking
between Laser Diode and the ZL40511/15 to accommodate application physical limitations.
For example, if a pulse of 360 mA amplitude (40 mA to 400 mA) is to be switched in a time of 1 nS with the Vd =
1.6 V, then the maximum volt drop across the interconnect inductance is approximately 3.5 V (maximum Vpin for
500 mA output) – 1.6 V (Vdiode) = 1.9 V. Consequently, L*di/dt < 1.9 V. Hence, L < 1.9/ (0.36A/1 nS) = 5.3 nH.
Small current step size Rise and Fall Time will be determined by the Bandwidth of the combined network. This is
dominated by the Interconnect Inductance and the output Capacitance. Similarly, the overshoot and undershoot will
be determined by the Q of the network. This is a function of the Source Impedance from the ZL40511/15, the
Interconnect inductance and the Load impedance of the Laser Diode. Figure 3 includes example simplified
estimates of the Q and BW of the combined Laser Diode, ZL40511/15 and interconnect network for two different
interconnect inductance values (5 nH and 7 nH) and two different Diode On resistance (3 Ohm and 7 Ohm). This
simple analysis illustrates the change in BW and Q of the network depending on these parameters. This in turn
effects the Rise Time and Fall time and the Overshoot and Undershoot performance achieved in the application.
En
Iout
500
17p
15
2p
ZL40510 Model
Vd
Rd
Cd
Lint
C_out
Lfix = 3nH
Lint=5nH , BW = 460MHz, Rd=7, Q=j20/(15+7) =0.9
Lint=5nH, BW = 460MHz, Rd=3, Q=j20/(15+3) = 1.11
Lint=7nH, BW = 411MHz, Rd=7, Q=j18/(15+7) = 0.8
Lint=7nH, BW = 411MHz, Rd=3, Q=j18/(15+3) = 1.0
Lint
Lfix = 3nH
C_bypass
K
K
Vcc_A
OutA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn