Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPL9201PWP Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPL9201PWP
Description  MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPL9201PWP Fiches technique(HTML) 5 Page - Texas Instruments

  TPL9201PWP Datasheet HTML 1Page - Texas Instruments TPL9201PWP Datasheet HTML 2Page - Texas Instruments TPL9201PWP Datasheet HTML 3Page - Texas Instruments TPL9201PWP Datasheet HTML 4Page - Texas Instruments TPL9201PWP Datasheet HTML 5Page - Texas Instruments TPL9201PWP Datasheet HTML 6Page - Texas Instruments TPL9201PWP Datasheet HTML 7Page - Texas Instruments TPL9201PWP Datasheet HTML 8Page - Texas Instruments TPL9201PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Dissipation Ratings
Recommended Operating Conditions
TPL9201
MICROCONTROLLER POWER SUPPLY
AND MULTIPLE LOW-SIDE DRIVER
SLIS123A – JUNE 2006 – REVISED JUNE 2006
MIN
MAX
UNIT
VIN
24
VI(unreg)
Unregulated input voltage(2)(3)
V
SYN
24
EN1, MOSI, SCLK, and NCS
7
VI(logic)
Logic input voltage(2)(3)
V
RST and RDELAY
7
VO
Low-side output voltage
OUT1–OUT8
16.5
V
OUTn = ON and shorted to VIN
ILIMIT
Output current limit(4)
350
mA
with low impedance
N package
69
θ
JA
Thermal impedance, junction to ambient(5)
°C/W
PWP package
33
N package
54
θ
JC
Thermal impedance, junction to case(5)
°C/W
PWP package
20
θ
JP
Thermal impedance, junction to thermal pad(5)
PWP package
1.4
°C/W
N package
1.8
PD
Continuous power dissipation(6)
W
PWP package
3.7
ESD
Electrostatic discharge(7)
2
kV
TA
Operating ambient temperature range
–40
125
°C
Tstg
Storage temperature range
–65
125
°C
Tlead
Lead temperature
Soldering, 10 s
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
(3)
Absolute negative voltage on these pins must not go below –0.5 V.
(4)
Not more than one output should be shorted at a time, and duration of the short circuit should not exceed 1 ms.
(5)
The thermal data is based on using 1-oz copper trace with JEDEC 51-5 test board for PWP and JEDEC 51-7 test board for N.
(6)
The data is based on ambient temperature of 25
°C max.
(7)
The Human-Body Model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin.
TA ≤ 25°C
DERATING FACTOR
TA = 125°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
N
1812 mW
14.5 mW/
°C
362 mW
PWP
3787 mW
30.3 mW/
°C
757 mW
MIN
MAX
UNIT
VIN
7
18
VI(unreg)
Unregulated input voltage
V
SYN
0
18
VI(logic)
Logic input voltage
EN1, MOSI, SCLK, NCS, RST, and RDELAY
0
5.25
V
TA
Operating ambient temperature
–40
125
°C
5
Submit Documentation Feedback


Numéro de pièce similaire - TPL9201PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL9201PWP TI-TPL9201PWP Datasheet
624Kb / 19P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
TPL9201PWPG4 TI-TPL9201PWPG4 Datasheet
624Kb / 19P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
TPL9201PWPR TI-TPL9201PWPR Datasheet
624Kb / 19P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
TPL9201PWPRG4 TI-TPL9201PWPRG4 Datasheet
624Kb / 19P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
More results

Description similaire - TPL9201PWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC9201 TI-TPIC9201_08 Datasheet
698Kb / 20P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202 TI-TPIC9202 Datasheet
491Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201 TI-TPIC9201 Datasheet
538Kb / 19P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9202 TI-TPIC9202_07 Datasheet
547Kb / 18P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
TPIC9201N TI-TPIC9201N Datasheet
403Kb / 11P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW SIDE DRIVER IC
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com