Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


74ALVCH16543DGG Datasheet(Fiches technique) 11 Page - NXP Semiconductors

Numéro de pièce 74ALVCH16543DGG
Description  16-bit D-type registered transceiver; 3-state
Télécharger  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

 11 page
background image
1999 Nov 23
11
Philips Semiconductors
Product specification
16-bit D-type registered transceiver; 3-state
74ALVCH16543
AC WAVEFORMS
Notes: VCC = 2.3 to 2.7 V
VM = 0.5VCC;
VX =VOL + 150 mV;
VY =VOH − 150 mV;
VI =VCC;
VOL and VOH are typical output voltage drop that occur
with the output load.
Notes: VCC = 3.0 to 3.6 V and VCC = 2.7 V
VM = 1.5 V;
VX =VOL + 300 mV;
VY =VOH − 300 mV;
VI = 2.7 V;
VOL and VOH are typical output voltage drop that occur
with the output load.
Fig.6
The inputs nAn, nBn to outputs nBn, nAn
propagation delay times.
handbook, halfpage
MNA302
nAn, nBn
input
nBn, nAn
output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL
Fig.7 The latch enable inputs nLEXX pulse width, the latch enable inputs to output nBn, nAn propagation delays.
handbook, full pagewidth
MNA303
tPHL
tPLH
tW
VM
VM
nLEXX input
nAn, nBn output
GND
VI
VOH
VOL




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SN74LVCH16374A16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74ALVT163742.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State 1 2 3 4 5 MoreNXP Semiconductors
SN54ABT16373A16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVT169523.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74ALVCH1637316-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74ACTQ1654316-Bit Registered Transceiver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
HD74LVC16374A16-bit D-type Flip Flops with 3-state Outputs 1 2 3 4 5 MoreHitachi Semiconductor
74LVT1623743.3 V 16-bit edge-triggered D-type flip-flop with 30 OHM termination resistors; 3-state 1 2 3 4 5 MoreNXP Semiconductors
SN74LVC16373A16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74ACT16374Q-EP16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl