Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVCH16540DL Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74ALVCH16540DL
Description  2.5V/3.3V 16-bit buffer/line driver, inverting, 5V input tolerant 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16540DL Fiches technique(HTML) 4 Page - NXP Semiconductors

  74ALVCH16540DL Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16540DL Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16540DL Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16540DL Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16540DL Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16540DL Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16540DL Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16540DL Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16540DL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16540
16-bit buffer/line driver, inverting,
5V input tolerant (3-State)
1997 Aug 11
4
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
DC supply voltage 2.5V range (for max. speed
performance)
2.3
2.7
VCC
DC supply voltage 3.3V range (for max. speed
performance)
3.0
3.6
V
DC supply voltage (for low-voltage applications)
1.2
3.6
V
DC Input voltage range
For data input pins
0
VCC
V
VI
DC Input voltage range
For control pins
0
5.5
V
VO
DC output voltage range
0
VCC
V
Tamb
Operating free-air temperature range
–40
+85
°C
tr, tf
Input rise and fall times
VCC = 2.3 to 3.0V
VCC = 3.0 to 3.6V
0
0
20
10
ns/V
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134)
Voltages are referenced to GND (ground = 0V)
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
IIK
DC input diode current
VI t0
–50
mA
VI
DC input voltage
For control pins and data inputs of ALVC
parts2
–0.5 to +5.5
V
I
g
For data inputs of ALVCH parts2
–0.5 to VCC +0.5
IOK
DC output diode current
VO uVCC or VO t 0
"50
mA
VO
DC output voltage
Note 2
–0.5 to VCC +0.5
V
IO
DC output source or sink current
VO = 0 to VCC
"50
mA
IGND, ICC
DC VCC or GND current
"100
mA
Tstg
Storage temperature range
–65 to +150
°C
PTOT
Power dissipation per package
–plastic medium-shrink SO (SSOP)
–plastic mini-pack (TSSOP)
For temperature range: –40 to +125
°C
above +55
°C derate linearly with 11.3 mW/K
above +55
°C derate linearly with 8 mW/K
850
600
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Numéro de pièce similaire - 74ALVCH16540DL

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVCH16543 PHILIPS-74ALVCH16543 Datasheet
89Kb / 20P
   16-bit D-type registered transceiver; 3-state
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16543 NEXPERIA-74ALVCH16543 Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
NXP Semiconductors
74ALVCH16543DGG PHILIPS-74ALVCH16543DGG Datasheet
89Kb / 20P
   16-bit D-type registered transceiver; 3-state
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16543DGG NEXPERIA-74ALVCH16543DGG Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
Texas Instruments
74ALVCH16543DGGRE4 TI1-74ALVCH16543DGGRE4 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Description similaire - 74ALVCH16540DL

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC16244A PHILIPS-74LVC16244A Datasheet
78Kb / 10P
   16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
74ALVC16244 PHILIPS-74ALVC16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
74LVC16240A PHILIPS-74LVC16240A_15 Datasheet
225Kb / 16P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 4-3 November 2011
logo
Nexperia B.V. All right...
74LVC16240A NEXPERIA-74LVC16240A Datasheet
210Kb / 12P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 5 - 25 April 2019
logo
NXP Semiconductors
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
74ALVT16244 PHILIPS-74ALVT16244_15 Datasheet
89Kb / 10P
   2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Oct 07
74ALVT16827 PHILIPS-74ALVT16827 Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
74ALVT16541 PHILIPS-74ALVT16541 Datasheet
81Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Feb 13
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
   16-bit inverting buffer/line driver 3-State
August 23, 1993
74LVC16240A PHILIPS-74LVC16240A Datasheet
78Kb / 10P
   16-bit buffer/line driver; inverting 3-State
1997 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com