Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVCH16373DL Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce 74ALVCH16373DL
Description  2.5V/3.3V 16-bit D-type transparent latch 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16373DL Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVCH16373DL Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16373DL Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16373DL Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16373DL Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16373DL Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16373DL Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16373DL Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16373DL Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16373DL Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16373
16-bit D-type transparent latch (3-State)
1999 Sep 20
7
AC CHARACTERISTICS FOR VCC = 2.3V TO 2.7V RANGE AND VCC < 2.3V
GND = 0V; tr = tf ≤ 2.0ns; CL = 30pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.3 to 2.7V
VCC = 1.8V
VCC = 1.2V
UNIT
MIN
TYP1, 2
MAX
MIN
TYP1
MAX
TYP
tPHL/tPLH
Propagation delay
nDn to nYn
1, 5
1.0
2.1
3.9
1.5
3.2
5.7
8.8
ns
tPHL/tPLH
Propagation delay
nLE to nYn
2, 5
1.0
2.2
3.9
1.5
3.4
5.9
7.4
ns
tPZH/tPZL
3-State output enable
time
nOE to nYn
4, 5
1.0
2.6
5.2
1.5
4.0
7.3
8.9
ns
tPHZ/tPLZ
3-State output disable
time
nOE to nYn
4, 5
1.0
2.2
4.1
1.5
3.2
5.6
8.9
ns
tW
nLE pulse width HIGH
2
3.0
1.0
3.5
1.0
ns
tSU
Set-up time nDn to nLE
3
1.0
–0.1
1.0
–0.1
ns
th
Hold time nDn to nLE
3
1.5
0.2
1.2
0.1
ns
NOTES:
1. All typical values are measured at Tamb = 25°C.
2. Typical value is measured at VCC = 2.5V.
AC CHARACTERISTICS FOR VCC = 3.0V TO 3.6V RANGE AND VCC = 2.7V
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
UNIT
MIN
TYP1, 2
MAX
MIN
TYP1
MAX
tPHL/tPLH
Propagation delay
nDn to nYn
1, 5
1.0
2.1
3.3
1.0
2.3
3.7
ns
tPHL/tPLH
Propagation delay
nLE to nYn
2, 5
1.0
2.2
3.2
1.0
2.2
3.5
ns
tPZH/tPZL
3-State output enable time
nOE to nYn
4, 5
1.0
2.3
4.2
1.0
2.9
4.9
ns
tPHZ/tPLZ
3-State output disable time
nOE to nYn
4, 5
1.0
2.8
4.1
1.0
3.1
4.7
ns
tW
nLE pulse width HIGH
2
2.5
1.0
3.0
1.0
ns
tSU
Set-up time nDn to nLE
3
1.0
0.0
1.0
–0.1
ns
th
Hold time nDn to nLE
3
1.2
0.2
1.5
0.4
ns
NOTES:
1. All typical values are measured at Tamb = 25°C.
2. Typical value is measured at VCC = 3.3V.


Numéro de pièce similaire - 74ALVCH16373DL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ALVCH16373DLG4 TI-74ALVCH16373DLG4 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ALVCH16373DLRG4 TI-74ALVCH16373DLRG4 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Description similaire - 74ALVCH16373DL

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVT16373_3 PHILIPS-74ALVT16373_3_15 Datasheet
116Kb / 12P
   2.5V/3.3V 16-bit transparent D-type latch (3-State)
1999 Oct 18
74ALVT16373 PHILIPS-74ALVT16373 Datasheet
99Kb / 12P
   2.5V/3.3V 16-bit transparent D-type latch 3-State
1999 Oct 18
74LVT16373A PHILIPS-74LVT16373A Datasheet
86Kb / 10P
   3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74ALVT16373 NEXPERIA-74ALVT16373 Datasheet
243Kb / 14P
   16-bit transparent D-type latch; 3-state
Rev. 5 - 14 July 2021
logo
NXP Semiconductors
74LVT573 PHILIPS-74LVT573 Datasheet
99Kb / 12P
   3.3V Octal D-type transparent latch 3-State
1998 Feb 19
logo
Integrated Device Techn...
IDT74LVC16373A IDT-IDT74LVC16373A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
IDT74LVCH162373A IDT-IDT74LVCH162373A Datasheet
223Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com