Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


74ALVCH162245 Datasheet(Fiches technique) 5 Page - NXP Semiconductors

Numéro de pièce 74ALVCH162245
Description  16-bit bus transceiver with direction pin and 30ohm termination resistor 3-State
Télécharger  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo 

 
 5 page
background image
Philips Semiconductors
Product specification
74ALVCH162245
16-bit bus transceiver with direction pin and
30
Ω termination resistor (3-State)
1998 Jun 29
5
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltage are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
V
HIGH level Input voltage
VCC = 2.3 to 2.7V
1.7
1.2
V
VIH
HIGH level Input voltage
VCC = 2.7 to 3.6V
2.0
1.5
V
V
LOW level Input voltage
VCC = 2.3 to 2.7V
1.2
0.7
V
VIL
LOW level Input voltage
VCC = 2.7 to 3.6V
1.5
0.8
V
VCC =2 3to3 6V; V =V or V ; IO = 100µA
VCC 02
VCC
VCC = 2.3 to 3.6V; VI = VIH or VIL; IO = –100µA
VCC*0.2
VCC
VCC = 2.3V; VI = VIH or VIL; IO = –4mA
VCC*0.4
VCC*0.11
VCC = 2.3V; VI = VIH or VIL; IO = –6mA
VCC*0.6
VCC*0.17
VOH
HIGH level output voltage
VCC = 2.7V; VI = VIH or VIL; IO = –4mA
VCC*0.5
VCC*0.09
V
VCC = 2.7V; VI = VIH or VIL; IO = –8mA
VCC*0.7
VCC*0.19
VCC = 3.0V; VI = VIH or VIL; IO = –6mA
VCC*0.6
VCC*0.13
VCC = 3.0V; VI = VIH or VIL; IO = –12mA
VCC*1.0
VCC*0.27
V
=2 3to3 6V; V =V
or V ; I = 100
µA
GND
020
VCC = 2.3 to 3.6V; VI = VIH or VIL; IO = 100µA
GND
0.20
VCC = 2.3V; VI = VIH or VIL; IO = 4mA
0.07
0.40
VCC = 2.3V; VI = VIH or VIL; IO = 6mA
0.11
0.55
VOL
LOW level output voltage
VCC = 2.7V; VI = VIH or VIL; IO = 4mA
0.06
0.40
V
VCC = 2.7V; VI = VIH or VIL; IO = 8mA
0.13
0.60
VCC = 3.0V; VI = VIH or VIL; IO = 6mA
0.09
0.55
VCC = 3.0V; VI = VIH or VIL; IO = 12mA
0.19
0.80
Input leakage current per data pin
VCC =2 3to3 6V;
II
Input leakage current per data pin
with bus hold
VCC = 2.3 to 3.6V;
V
V
or GND
0.1
5
µA
I
with bus hold
VI = VCC or GND
µ
IOZ
3-State output OFF-state current
VCC = 2.3 to 3.6V; VI = VIH or VIL;
VO = VCC or GND
0.1
10
µA
ICC
Quiescent supply current
VCC = 2.3 to 3.6V; VI = VCC or GND; IO = 0
0.2
40
µA
∆ICC
Additional quiescent supply current
given per data I/O pin with bus hold
VCC = 2.3V to 3.6V; VI = VCC – 0.6V; IO = 0
150
750
µA
I
2
Bus hold LOW sustaining current
VCC = 2.3V; VI = 0.7V
45
µA
IBHL2
Bus hold LOW sustaining current
VCC = 3.0V; VI = 0.8V
75
150
µA
I
2
Bus hold HIGH sustaining current
VCC = 2.3V; VI = 1.7V
–45
µA
IBHH2
Bus hold HIGH sustaining current
VCC = 3.0V; VI = 2.0V
–75
–175
µA
IBHLO2
Bus hold LOW overdrive current
VCC = 3.6V
500
µA
IBHHO2
Bus hold HIGH overdrive current
VCC = 3.6V
–500
µA
NOTES:
1. All typical values are at Tamb = 25°C.
2. Valid for data inputs of bus hold parts.




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
74LVC162245A16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State 1 2 3 4 5 MoreNXP Semiconductors
74ABT2245Octal transceiver with direction pin with 30ohm series termination resistors 3-State 1 2 3 4 5 MoreNXP Semiconductors
74ABT162245A16-Bit bus transceiver with 30ohm series termination resistors 3-State 1 2 3 4 5 MoreNXP Semiconductors
74ALVC162452.5V/3.3V 16-bit bus transceiver with direction pin 3-State 1 2 3 4 5 MoreNXP Semiconductors
IDT74LVCH166523.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS 5V TOLERANT I/O BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
SN74LVCH16646A16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74LVCH16T24516-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74LVC322245A32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state 1 2 3 4 5 MoreNXP Semiconductors
SN74ALVCH1664616-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74LVCH16652A16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl