Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVCH16245DL Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74ALVCH16245DL
Description  2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16245DL Fiches technique(HTML) 3 Page - NXP Semiconductors

  74ALVCH16245DL Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16245DL Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16245DL Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16245DL Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16245DL Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16245DL Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16245DL Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16245DL Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16245DL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74ALVC16245/
74ALVCH16245
16-bit bus transceiver with direction pin (3-State)
1998 Jun 29
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
1DIR
Direction control
2, 3, 5, 6, 8, 9,
11, 12
1B0 to 1B7
Data inputs/outputs
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive supply voltage
13, 14, 16, 17,
19, 20, 22, 23
2B0 to 2B7
Data inputs/outputs
24
2DIR
Direction control
25
2OE
Output enable input
(active LOW)
36, 35, 33, 32,
30, 29, 27, 26
2A0 to 2A7
Data inputs/outputs
47, 46, 44, 43,
41, 40, 38, 37
1A0 to 1A7
Data inputs/outputs
48
1OE
Output enable input
(active LOW)
LOGIC SYMBOL
2DIR
24
36
35
33
32
30
29
27
26
23
22
20
19
17
16
14
13
2OE
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
2B0
2B1
2B2
2B3
2B4
2B5
2B6
2B7
25
1DIR
1
47
46
44
43
41
40
38
37
12
11
9
8
6
5
3
2
1OE
1A0
1A1
1A2
1A3
1A4
1A5
1A6
1A7
1B0
1B1
1B2
1B3
1B4
1B5
1B6
1B7
48
SW00197
FUNCTION TABLE
INPUTS
INPUTS/OUTPUT
nOE
nDIR
nAn
nBn
L
L
A = B
inputs
L
H
inputs
B = A
H
X
Z
Z
H = HIGH voltage level
L = LOW voltage level
X = don’t care
Z = high impedance OFF-state
LOGIC SYMBOL (IEEE/IEC)
48
3 EN1 [BA]
1
G3
G6
6 EN4 [BA]
1
25
24
2
1DIR
1OE
2OE
2DIR
1B0
3 EN2 [AB]
6 EN5 [AB]
47
1A0
46
44
43
41
40
38
37
13
2B0
36
35
33
32
30
29
27
26
3
5
6
8
9
11
12
14
16
17
19
20
22
23
1A1
1A2
1A3
1A4
1A5
1A6
1A7
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
1B1
1B2
1B3
1B4
1B5
1B6
1B7
2B1
2B2
2B3
2B4
2B5
2B6
2B7
SW00196
2
4
5
BUS HOLD CIRCUIT
To internal circuit
VCC
Data Input
SW00044


Numéro de pièce similaire - 74ALVCH16245DL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ALVCH16245DLG4 TI-74ALVCH16245DLG4 Datasheet
465Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16245DLG4 TI-74ALVCH16245DLG4 Datasheet
641Kb / 20P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16245DLRG4 TI-74ALVCH16245DLRG4 Datasheet
465Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16245DLRG4 TI-74ALVCH16245DLRG4 Datasheet
641Kb / 20P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Description similaire - 74ALVCH16245DL

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
   2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
74ALVT16646 PHILIPS-74ALVT16646 Datasheet
106Kb / 15P
   2.5V/3.3V 16-bus transceiver 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVC16245 NEXPERIA-74ALVC16245 Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
logo
NXP Semiconductors
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
   16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com