Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVC16334ADGG Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74ALVC16334ADGG
Description  16-bit registered driver with inverted register enable 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC16334ADGG Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVC16334ADGG Datasheet HTML 4Page - NXP Semiconductors 74ALVC16334ADGG Datasheet HTML 5Page - NXP Semiconductors 74ALVC16334ADGG Datasheet HTML 6Page - NXP Semiconductors 74ALVC16334ADGG Datasheet HTML 7Page - NXP Semiconductors 74ALVC16334ADGG Datasheet HTML 8Page - NXP Semiconductors 74ALVC16334ADGG Datasheet HTML 9Page - NXP Semiconductors 74ALVC16334ADGG Datasheet HTML 10Page - NXP Semiconductors 74ALVC16334ADGG Datasheet HTML 11Page - NXP Semiconductors 74ALVC16334ADGG Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Philips Semiconductors
Product specification
74ALVC16334A
16-bit registered driver with inverted register enable
(3-State)
2000 Mar 14
10
TSSOP48:
plastic thin shrink small outline package; 48 leads; body width 6.1 mm
SOT362-1


Numéro de pièce similaire - 74ALVC16334ADGG

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ALVC16334DGGRE4 TI-74ALVC16334DGGRE4 Datasheet
216Kb / 13P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74ALVC16334DGVRE4 TI-74ALVC16334DGVRE4 Datasheet
216Kb / 13P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74ALVC16334DGVRG4 TI-74ALVC16334DGVRG4 Datasheet
216Kb / 13P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
74ALVC16334DLRG4 TI-74ALVC16334DLRG4 Datasheet
216Kb / 13P
[Old version datasheet]   16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Description similaire - 74ALVC16334ADGG

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVC16836A PHILIPS-74ALVC16836A Datasheet
122Kb / 12P
   20-bit registered driver with inverted register enable 3-State
2000 Mar 14
74AVC16834 PHILIPS-74AVC16834 Datasheet
90Kb / 10P
   18-bit registered driver with inverted register enable 3-State
1999 Jul 23
logo
Nexperia B.V. All right...
74ALVC16834A NEXPERIA-74ALVC16834A Datasheet
200Kb / 15P
   18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
74ALVC16836A NEXPERIA-74ALVC16836A Datasheet
224Kb / 14P
   20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
logo
NXP Semiconductors
74AVC16836 PHILIPS-74AVC16836 Datasheet
90Kb / 10P
   20-bit registered driver with inverted register enable 3-State
1999 Jul 23
74ALVC16836A PHILIPS-74ALVC16836A_15 Datasheet
126Kb / 12P
   20-bit registered driver with inverted register enable (3-State)
2000 Mar 14
74ALVC16834A PHILIPS-74ALVC16834A Datasheet
121Kb / 12P
   18-bit registered driver with inverted register enable 3-State
2000 Mar 14
74AVC16334A PHILIPS-74AVC16334A Datasheet
108Kb / 10P
   16-bit registered driver with inverted register enable and Dynamic Controlled OutputsE (3-State)
2000 Aug 03
logo
Nexperia B.V. All right...
74AVC16334A NEXPERIA-74AVC16334A Datasheet
227Kb / 14P
   16-bit registered driver with inverted register enable and Dynamic Controlled Outputs; 3-state
Rev. 3 - 12 September 2018
logo
NXP Semiconductors
74ALVC162334A PHILIPS-74ALVC162334A Datasheet
115Kb / 10P
   16-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com