Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALS646-1 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 74ALS646-1
Description  Transceiver/register
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS646-1 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 74ALS646-1 Datasheet HTML 5Page - NXP Semiconductors 74ALS646-1 Datasheet HTML 6Page - NXP Semiconductors 74ALS646-1 Datasheet HTML 7Page - NXP Semiconductors 74ALS646-1 Datasheet HTML 8Page - NXP Semiconductors 74ALS646-1 Datasheet HTML 9Page - NXP Semiconductors 74ALS646-1 Datasheet HTML 10Page - NXP Semiconductors 74ALS646-1 Datasheet HTML 11Page - NXP Semiconductors 74ALS646-1 Datasheet HTML 12Page - NXP Semiconductors 74ALS646-1 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Philips Semiconductors
Product specification
74ALS646/74ALS646-1
74ALS648/74ALS648-1
Transceiver/register
1991 Feb 08
9
AC WAVEFORMS
For all waveforms, VM = 1.3V.
The shaded areas indicate when the input is permitted to change for predictable output performance.
CPBA
or
CPAB
VM
VM
VM
tw(H)
1/fmax
VM
VM
tPLH
tw(L)
tPHL
An or Bn
SF00394
Waveform 1.
Propagation Delay for Clock Input to Output,
Clock Pulse Width, and Maximum Clock Frequency
SF00395
VM
VM
VM
VM
Bn or An
An or Bn
tPLH
tPHL
SBA or SAB
An or Bn
Waveform 2.
Propagation Delay for An to Bn or Bn to An
and SAB or SBA to An or Bn
VM
VM
VM
VM
tPHL
tPLH
An or Bn
Bn or An
SBA or SAB
An or Bn
SF00396
Waveform 3.
Propagation Delay for An to Bn or Bn to An
and SAB or SBA to An or Bn
VM
VM
VM
VM
VM
VM
tsu(L)
th(L)
tsu(H)
th(H)
An or Bn
CPBA
or
CPAB
SF00397
Waveform 4.
Data Setup Time and Hold Times
VM
VM
VM
tPHZ
tPZH
OE
VOH -0.3V
0V
An or Bn
DIR
SF00398
Waveform 5.
3-State Output Enable Time to High Level
and Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
3.5V
OE
DIR
An or Bn
SF00399
Waveform 6.
3-State Output Enable Time to Low Level
and Output Disable Time from Low Level


Numéro de pièce similaire - 74ALS646-1

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALS645A PHILIPS-74ALS645A Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645A-1 PHILIPS-74ALS645A-1 Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645A-1N PHILIPS-74ALS645A-1N Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645AD PHILIPS-74ALS645AD Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
74ALS645AN PHILIPS-74ALS645AN Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
More results

Description similaire - 74ALS646-1

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALS651 PHILIPS-74ALS651 Datasheet
156Kb / 13P
   Transceiver/register
1991 Feb 08
logo
Fairchild Semiconductor
74ACT652 FAIRCHILD-74ACT652 Datasheet
89Kb / 8P
   Transceiver/Register
74ACT652 FAIRCHILD-74ACT652 Datasheet
89Kb / 8P
   Transceiver/Register
74ACTQ652 FAIRCHILD-74ACTQ652 Datasheet
104Kb / 9P
   Quiet Series??Transceiver/Register
logo
Integrated Device Techn...
IDT74FCT646 IDT-IDT74FCT646 Datasheet
91Kb / 8P
   FAST CMOS OCTAL TRANSCEIVER/REGISTER
logo
Fairchild Semiconductor
DM74AS652WMX FAIRCHILD-DM74AS652WMX Datasheet
74Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
70Kb / 8P
   Octal Bus Transceiver and Register
DM74AS646 FAIRCHILD-DM74AS646 Datasheet
84Kb / 8P
   Octal Bus Transceiver and Register
logo
STMicroelectronics
M74HCT651 STMICROELECTRONICS-M74HCT651 Datasheet
199Kb / 12P
   HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com