Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP15 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce OP15
Description  Precision JFET-Input Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

OP15 Fiches technique(HTML) 10 Page - Analog Devices

Back Button OP15 Datasheet HTML 4Page - Analog Devices OP15 Datasheet HTML 5Page - Analog Devices OP15 Datasheet HTML 6Page - Analog Devices OP15 Datasheet HTML 7Page - Analog Devices OP15 Datasheet HTML 8Page - Analog Devices OP15 Datasheet HTML 9Page - Analog Devices OP15 Datasheet HTML 10Page - Analog Devices OP15 Datasheet HTML 11Page - Analog Devices OP15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. A
OP15/OP17
–10–
FREQUENCY – MHz
28
24
0
100k
10M
1M
12
8
4
VS = 15V
TA = 25 C
AV = 5
16
20
TPC 31. OP17 Maximum Output Swing vs. Frequency
AMBIENT TEMPERATURE – C
110
40
–50
125
–25
025
5075
100
100
80
70
60
50
90
NEGATIVE
POSITIVE
V
S
= 15V
A
V
= 5
TPC 32. OP17 Slew Rate vs. Temperature
FREQUENCY – Hz
100
0
1
100M
10
100
1k
10k
100k
1M
10M
80
40
20
60
VS = 15V
TA = 25 C
TPC 33. OP17 Common-Mode Rejection Ration vs.
Frequency
FREQUENCY – Hz
120
0
10
100
1k
10k
100k
1M
10M
80
40
20
60
TA = 25 C
100
POSITIVE
SUPPLY
NEGATIVE SUPPLY
TPC 34. OP17 Power Supply Rejection Ratio vs. Frequency
FREQUENCY – Hz
100
10
0
1k
10M
10k
100k
1M
1.0
VS = 15V
TA = 25 C
AV = 100
AV = 10
TPC 35. OP17 Output Impedance vs. Frequency
FREQUENCY – Hz
140
100
0
1k
10M
10k
100k
1M
40
VS = 15V
TA = 25 C
l/f CORNER FREQUENCY
120
80
20
60
TPC 36. OP17 Voltage Noise vs. Frequency


Numéro de pièce similaire - OP15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP150 AD-OP150 Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150GBC AD-OP150GBC Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150GRT AD-OP150GRT Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150GS AD-OP150GS Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150 AD-OP150_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
More results

Description similaire - OP15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP-16 AD-OP-16_15 Datasheet
793Kb / 14P
   PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP-15 AD-OP-15 Datasheet
776Kb / 14P
   PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS
OP-17 AD-OP-17_15 Datasheet
793Kb / 14P
   PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
logo
Linear Technology
LF412A LINER-LF412A_15 Datasheet
492Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
LT1055 LINER-LT1055_1 Datasheet
281Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
logo
Analog Devices
ADA4000-1 AD-ADA4000-1_09 Datasheet
420Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. A
logo
Linear Technology
LT1055 LINER-LT1055_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
OP-15 LINER-OP-15 Datasheet
424Kb / 4P
   Precision, High Speed JFET-Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com