Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

94SA476X06R3CBP Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce 94SA476X06R3CBP
Description  Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

94SA476X06R3CBP Fiches technique(HTML) 2 Page - Vishay Siliconix

  94SA476X06R3CBP Datasheet HTML 1Page - Vishay Siliconix 94SA476X06R3CBP Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Number: 90003
Revision 29-Jun-01
www.vishay.com
10
Type 94SA
Vishay
CHARACTERISTICS
- 55
°C ~ + 105°C
X0 =
± 20%
≤ Values in Standard Ratings Table
0.02 CV (0.04 CV for G, H size)
≤ Values in Standard Ratings Table
- 55
°C
Z/Z20
°C
1.0 ~ 1.25
+ 105
°C
Z/Z20
°C
0.75 ~ 1.0
∆ C/C
Within
± 20% of the initial value
tan
δ≤ 1.5 times the value of Item 3
Leakage Current
≤ The value of Item 4
∆ C/C
Within
± 10% of the initial value
tan
δ≤ 1.5 times the value of Item 3
Leakage Current
≤ The value of Item 4
Temporary: Less than 20% of the rated voltage
Continuous: Less than 10% of the rated voltage
ENVIRONMENTAL PERFORMANCE
ITEMS
1. Operating Temperature Range
2. Capacitance Tolerance @ 120Hz
3. Tangent of Loss Angle (tan
δ) @ 120Hz
4. Leakage Current (
µA/2 minutes) (or less)*
5. Equivalent Series Resistance (
)
(100k ~ 300kHz)
6. Temperature Characteristics
Impedance Ratio at 100kHz
7. High Temperature Load + 105
°C, 2,000 hours
(Ø D
12.5, 1,000 hours)
Rated Voltage Applied
8. Moisture Resistance
(+ 60
°C, 90 ~ 95% RH, 1,000 hours, no voltage)
9. Reverse Voltage Guarantee
****Sleeve color: Blue. Marking: White.
**WV = Rated Voltage.
***(SV) = Surge Voltage (at room temperature).
*If any doubt arises, measure the current after applying voltage (voltage treatment) for 30 minutes at +105
°C.
The rated voltage should be for all WV.
CASE CODE LIST
6.3
(7.2)
C
E
F
H
10
(11.5)
D
F
16
(18.4)
C
D
E
F
G
H
20
(23)
C
C
D
E
E
F
CAPACITANCE
(
µF)
15.0
22.0
33.0
47.0
68.0
100.0
150.0
220.0
330.0
470.0
1000.0
2200.0
WV**
(SV)***
+ 105
°C
0.25
TEMPERATURE COEFFICIENT FOR RIPPLE CURRENT
~ + 45
°C
1.0
+ 85
°C
0.7
Ambient Temperature
Coefficient
+ 95
°C
0.4
PART MARKING****
— Polarity
— Rated voltage
— Capacitance
— OS-CON
— Lot number
— Maximum operating temperature (+ 105
°C)


Numéro de pièce similaire - 94SA476X06R3CBP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
94SA108X0016HBP TI-94SA108X0016HBP Datasheet
994Kb / 24P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results

Description similaire - 94SA476X06R3CBP

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
94SP VISHAY-94SP Datasheet
52Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 02-Jul-01
94SC VISHAY-94SC Datasheet
132Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision: 13-Sep-04
logo
Sanyo Semicon Device
10SC22M SANYO-10SC22M Datasheet
92Kb / 2P
   Aluminum solid capacitors with Organic semiconductive electrolyte
logo
List of Unclassifed Man...
PVH-4V151MF60E-F60 ETC2-PVH-4V151MF60E-F60 Datasheet
154Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE
logo
Vishay Siliconix
TD20100XXX VISHAY-TD20100XXX Datasheet
609Kb / 8P
   Trantalum Chip Capacitors Sintered Anode, Solid Semiconductor Electrolyte, 125C
logo
Taiyo Yuden (U.S.A.), I...
PVK-2R5V221MF60E-R2 TAIYO-YUDEN-PVK-2R5V221MF60E-R2 Datasheet
246Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-10V331MH80E-R2 TAIYO-YUDEN-PVK-10V331MH80E-R2 Datasheet
246Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-10V271MH80E-R2 TAIYO-YUDEN-PVK-10V271MH80E-R2 Datasheet
246Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
PVK-16V390MF60E-R2 TAIYO-YUDEN-PVK-16V390MF60E-R2 Datasheet
246Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE[PVK]
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com