Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADXL210AE Fiches technique(PDF) 6 Page - Analog Devices

No de pièce ADXL210AE
Description  Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADXL210AE Fiches technique(HTML) 6 Page - Analog Devices

Back Button ADXL210AE Datasheet HTML 2Page - Analog Devices ADXL210AE Datasheet HTML 3Page - Analog Devices ADXL210AE Datasheet HTML 4Page - Analog Devices ADXL210AE Datasheet HTML 5Page - Analog Devices ADXL210AE Datasheet HTML 6Page - Analog Devices ADXL210AE Datasheet HTML 7Page - Analog Devices ADXL210AE Datasheet HTML 8Page - Analog Devices ADXL210AE Datasheet HTML 9Page - Analog Devices ADXL210AE Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. 0
ADXL210E
–6–
NOISE DENSITY –
g
Hz rms
25
0
230
5
10
250
270
290
310
330
350
390
410
15
20
370
TPC 13. Noise Density Distribution, VDD = 3 V
TEMPERATURE – C
0.7
0
–40
100
–20
0
2040
6080
0.6
0.4
0.3
0.2
0.1
0.5
VS = 5 VDC
VS = 3.5 VDC
TPC 14. Typical Supply Current vs. Temperature
NOISE DENSITY –
g
Hz rms
35
20
0
150
5
10
30
170
190
210
230
250
270
290
310
15
25
TPC 16. Noise Density Distribution, VDD = 5 V
PERCENT
20
0
–3
5
10
01
2
3
15
25
30
35
40
–2
–1
TPC 17. Cross-Axis Sensitivity Distribution
DEGREES OF MISALIGNMENT
20
6
0
18
8
4
2
16
12
14
10
0
0.4
0.8
1.2
1.4
TIME – ms
3
2
1
0
CFILT = 0.01 F
VDD
XOUT
TPC 15. Rotational Die Alignment
TPC 18. Typical Turn-On Time


Numéro de pièce similaire - ADXL210AE

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXL210AQC AD-ADXL210AQC Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
More results

Description similaire - ADXL210AE

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
   Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
ADXL213 AD-ADXL213 Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
logo
List of Unclassifed Man...
MXD7210GL ETC-MXD7210GL Datasheet
647Kb / 10P
   Low Cost, Low Noise -10 g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
logo
List of Unclassifed Man...
MXD2002A ETC1-MXD2002A Datasheet
572Kb / 8P
   Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
MXP7205VW MEMSIC-MXP7205VW Datasheet
553Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.D
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com