Moteur de recherche de fiches techniques de composants électroniques |
|
AD9879BS Fiches technique(PDF) 3 Page - Analog Devices |
|
AD9879BS Fiches technique(HTML) 3 Page - Analog Devices |
3 / 24 page REV. 0 AD9879 –3– Test Parameter Temp Level Min Typ Max Unit 10-BIT ADC CHARACTERISTICS Resolution N/A N/A 10 Bits Maximum Conversion Rate Full II 29 MHz Pipeline Delay N/A N/A 4.5 ADC Cycles Analog Input Input Voltage Range Full III 2.0 Vppd Input Capacitance 25ºC III 2 pF Differential Input Resistance 25ºC II 4 k Ω Reference Voltage Error (REFT10–REFB10) –1 V Full I ±4 ±200 mV AC Performance (AIN = –0.5 dBFS, fIN = 5 MHz) ADC Sample Clock Source = OSCIN Signal-to-Noise and Distortion (SINAD) Full I 58.3 59.9 dB Effective Number of Bits (ENOB) Full I 9.4 9.65 Bits Signal-to-Noise Ratio (SNR) Full I 58.6 60 dB Total Harmonic Distortion (THD) Full I –73 –62 dB Spurious-Free Dynamic Range (SFDR) Full I 65.7 76 dB AC Performance (AIN = –0.5 dBFS, fIN = 50 MHz) ADC Sample Clock Source = OSCIN Signal-to-Noise and Distortion (SINAD) Full II 57.7 59.0 dB Effective Number of Bits (ENOB) Full II 9.29 9.51 Bits Signal-to-Noise Ratio (SNR) Full II 57.8 59.1 dB Total Harmonic Distortion (THD) Full II +57 –75 dB Spurious-Free Dynamic Range (SFDR) Full II 64 78 dB 12-BIT ADC CHARACTERISTICS Resolution N/A N/A 12 Bits Maximum Conversion Rate Full II 29 MHz Pipeline Delay N/A N/A 5.5 ADC Cycles Analog Input Input Voltage Range Full III 2 Vppd Input Capacitance 25ºC III 2 pF Differential Input Resistance 25ºC III 4 k Ω Reference Voltage Error (REFT12–REFB12) –1 V Full I ±16 ±200 mV AC Performance (AIN = –0.5 dBFS, fIN = 5 MHz) ADC Sample Clock Source = OSCIN Signal-to-Noise and Distortion (SINAD) Full I 60.0 65.2 dB Effective Number of Bits (ENOB) Full I 9.67 10.53 Bits Signal-to-Noise Ratio (SNR) Full I 60.3 65.6 dB Total Harmonic Distortion (THD) Full I –76.6 –58.7 dB Spurious-Free Dynamic Range (SFDR) Full I 64.7 79 dB AC Performance (AIN = –0.5 dBFS, fIN = 50 MHz) ADC Sample Clock Source = OSCIN Signal-to-Noise and Distortion (SINAD) Full II 59.5 62.7 dB Effective Number of Bits (ENOB) Full II 9.59 10.1 Bits Signal-to-Noise Ratio (SNR) Full II 59.7 63.0 dB Total Harmonic Distortion (THD) Full II –75.5 –60.5 dB Spurious-Free Dynamic Range (SFDR) Full II 63.8 79 dB |
Numéro de pièce similaire - AD9879BS |
|
Description similaire - AD9879BS |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |