Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9879 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD9879
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9879 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD9879 Datasheet HTML 7Page - Analog Devices AD9879 Datasheet HTML 8Page - Analog Devices AD9879 Datasheet HTML 9Page - Analog Devices AD9879 Datasheet HTML 10Page - Analog Devices AD9879 Datasheet HTML 11Page - Analog Devices AD9879 Datasheet HTML 12Page - Analog Devices AD9879 Datasheet HTML 13Page - Analog Devices AD9879 Datasheet HTML 14Page - Analog Devices AD9879 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
REV. 0
AD9879
–11–
Bit 5: Rx Port Fast Edge Rate
Setting this bit to 1 increases the output drive strength of all
digital output pins, except MCLK, REFCLK, - _OUT, and
FLAG1. These pins always have high output drive capability.
Bit 7: ADC Clocked Direct from OSCIN
When set high, the input clock at OSCIN is used directly as the
ADC sampling clock. When set low, the internally generated
master clock, MCLK, is divided by two and used as the ADC
sampling clock. Best ADC performance is achieved when the
ADCs are sampled directly from fOSCIN using an external crystal
or low jitter crystal oscillator.
Register C—DIE REVISION
Bits 0 to 3: Version
The die version of the chip can be read from this register.
Register D—Tx Frequency Tuning Words LSBs
This register accommodates two least significant bits for both of
the frequency tuning words. See description of Carrier Frequency
Tuning.
Register E—DAC Gain Control
Bits 0 to 3: DAC Fine Gain Control
This bit field sets the DAC gain if the Tx Path AD8321/AD8323
Gain Control Select bit (Register F, Bit 3) is set to 0. The DAC
gain can be set from 0.0 dB to 7.5 dB in increments of 0.5 dB.
Table III details the programming.
Table III.
Bits [3:0]
DAC Gain
0000
0.0 dB (Default)
0001
0.5 dB
0010
1.0 dB
0011
1.5 dB
....
....
1110
7.0 dB
1111
7.5 dB
Register F — Tx PATH CONFIGURATION
Bit 0: Tx Path Transmit Single Tone
Active high configures the AD9879 for single-tone applications
(e.g., FSK). The AD9879 will supply a single frequency output
as determined by the frequency tuning word selected by the
active profile. In this mode, the TXIQ input data pins are ignored
but should be tied to a valid logic voltage level. Default value is
0 (inactive).
Bit 1: Tx Path Spectral Inversion
When set to 1, inverted modulation is performed:
MODULAR_OUT
I cos
t
Q sin
t
=
() +
()
[]
ww
Default is logic zero, noninverted modulation:
MODULAR_OUT
I cos
t
Q sin
t
=
() +
()
[]
ww
Bit 2: Tx Path Bypass Sinc
–1 Filter
Setting this bit high bypasses the digital inverse sinc filter of the
Tx path.
Bit 3: Tx Path AD8322/AD8327 Gain Control Mode
This bit changes the manner in which transmit gain control is
performed. Typically either AD8321/AD8323 (default 0) or
AD8222/AD8327 (default 1) variable gain cable drivers are
programmed over the chip’s 3-wire CA interface. The Tx gain
control select changes the interpretation of the bits in Registers
13 and 17. See Cable Driver Gain Control.
Bit 5: Tx Path Select Profile 1
The AD9879 quadrature digital upconverter is capable of stor-
ing two preconfigured modulation modes called profiles.
Each profile defines a transmit frequency tuning word and cable
driver amplifier gain (/DAC gain) setting. The Profile Select bit
or PROFILE pin programs the current register profile to be used.
The Profile Select bit should always be “0” if the PROFILE pin
is to be used to switch between profiles. Using the Profile Select
bit as a means of switching between different profiles requires
the PROFILE pin to be tied low.
Registers 10–17: Carrier Frequency Tuning
Tx Path Frequency Tuning Words
The frequency tuning word (FTW) determines the DDS-generated
carrier frequency (fC) and is formed via a concatenation of
register addresses.
The 26-bit FTW is spread over four register addresses. Bit 25 is
the MSB and Bit 0 is the LSB.
The carrier frequency equation is given as:
f
FTW
f
C
SYSCLK
[]/226
where fM
f
and FTW
SYSCLK
OSCIN
< ¥
0
2000000
Changes to FTW bytes take effect immediately.
Cable Driver Gain Control
The AD9879 has a 3-pin interface to the AD832x family of
programmable gain cable driver amplifiers. This allows direct
control of the cable driver’s gain through the AD9879.
In its Default mode, the complete 8-bit register value is transmitted
over the 3-wire cable amplifier (CA) interface.
If Bit 3 of Register F is set high, Bits [7:4] determine the 8-bit
word sent over the CA interface according to Table IV.
Table IV.
Bits [7:4]
CA Interface Transmit Word
0000
0000 0000 (Default)
0001
0000 0001
...
...
0111
0100 0000
1000
1000 0000
In this mode, the lower bits determine the fine gain setting
of the DAC output.
Table V.
Bits [3:0]
DAC Fine Gain
0000
0.0 dB (Default)
0001
0.5 dB
...
...
1110
7.0 dB
1111
7.5 dB
New data is automatically sent over the 3-wire CA interface
(and DAC gain adjust) whenever the value of the active gain
control register changes or a new profile is selected. The default
value is 0x00 (lowest gain).


Numéro de pièce similaire - AD9879

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9879 AD-AD9879 Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9879-EB AD-AD9879-EB Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9879BS AD-AD9879BS Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9879BSZ AD-AD9879BSZ Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9879 AD-AD9879_05 Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
More results

Description similaire - AD9879

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9879 AD-AD9879_15 Datasheet
779Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9877 AD-AD9877 Datasheet
1Mb / 36P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
AD9877 AD-AD9877_15 Datasheet
1Mb / 36P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
AD9879 AD-AD9879_05 Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9873 AD-AD9873_15 Datasheet
932Kb / 39P
   Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9873 AD-AD9873 Datasheet
935Kb / 39P
   Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com