Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5248BRM50 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5248BRM50
Description  Dual 256-Position I2C Compatible Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5248BRM50 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5248BRM50 Datasheet HTML 6Page - Analog Devices AD5248BRM50 Datasheet HTML 7Page - Analog Devices AD5248BRM50 Datasheet HTML 8Page - Analog Devices AD5248BRM50 Datasheet HTML 9Page - Analog Devices AD5248BRM50 Datasheet HTML 10Page - Analog Devices AD5248BRM50 Datasheet HTML 11Page - Analog Devices AD5248BRM50 Datasheet HTML 12Page - Analog Devices AD5248BRM50 Datasheet HTML 13Page - Analog Devices AD5248BRM50 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5243/AD5248
Rev. 0 | Page 10 of 20
–30
–20
–10
0
10
20
30
40
50
128
96
32
64
0
160
192
224
256
CODE (DECIMAL)
RAB = 10kΩ
VDD = 2.7V
TA = –40°C TO +85°C, –40°C TO +125°C
VDD = 5.5V
TA = –40°C TO +85°C, –40°C TO +125°C
Figure 17. Potentiometer Mode Tempco ∆VWB/∆T vs. Code
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
FREQUENCY (Hz)
10k
1M
100k
10M
0x80
0x40
0x20
0x10
0x08
0x04
0x01
0x02
Figure 18. Gain vs. Frequency vs. Code, RAB = 2.5 kΩ
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
FREQUENCY (Hz)
1k
100k
10k
1M
0x80
0x40
0x20
0x10
0x08
0x04
0x01
0x02
Figure 19. Gain vs. Frequency vs. Code, RAB = 10 kΩ
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
FREQUENCY (Hz)
1k
100k
10k
1M
0x80
0x40
0x20
0x10
0x08
0x04
0x01
0x02
Figure 20. Gain vs. Frequency vs. Code, RAB = 50 kΩ
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
FREQUENCY (Hz)
1k
100k
10k
1M
0x80
0x40
0x20
0x10
0x08
0x04
0x01
0x02
Figure 21. Gain vs. Frequency vs. Code, RAB = 100 kΩ
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
FREQUENCY (Hz)
10k
1k
100k
1M
10M
100k
60kHz
50k
120kHz
10k
570kHz
2.5k
2.2MHz
Figure 22. –3 dB Bandwidth @ Code = 0x80


Numéro de pièce similaire - AD5248BRM50

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5248BRM50 AD-AD5248BRM50 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5248BRM50-RL7 AD-AD5248BRM50-RL7 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
More results

Description similaire - AD5248BRM50

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com