Moteur de recherche de fiches techniques de composants électroniques |
|
TP11SHAPE2 Fiches technique(PDF) 4 Page - ITT Industries |
|
TP11SHAPE2 Fiches technique(HTML) 4 Page - ITT Industries |
4 / 6 page BUSHING ACTUATOR OR BUSHING Standard with Z, C, W terminations. Standard with A, AV, V3 terminations. SH SH9 (STD.) .155“ HIGH PLUNGER, .220“ HIGH BUSHING, UNTHREADED, FLAT SH8 (STD.) .155“ HIGH PLUNGER, .220“ HIGH BUSHING, UNTHREADED Not available with Z terminations. MS9 LT9 .215“ HIGH PLUNGER, .310“ HIGH BUSHING, UNTHREADED LT { Subtract .016 (0,41) for models with A, AV or V3 terminations. PANEL MOUNTING 10-48 BUSHING 1/4 IN. BUSHING Without locking ring With standard locking ring Without locking ring With standard locking ring NOTE: One mounting nut, locking ring and lockwasher supplied standard with 10-48 threaded bushings (two nuts with 1/4-40 bushings). Optional mounting nut and locking ring styles and finishes available separately, see section L. (STD.) .155“ HIGH PLUNGER, .220“ HIGH BUSHING, THREADED, FLAT .215“ HIGH PLUNGER, .310“ HIGH BUSHING, THREADED .130“ HIGH PLUNGER SP DP Not available with MS9 bushing or K, L or M contact material. Z (STD.) SOLDER LUG SP DP W WIRE WRAP PC MOUNTING SP DP C (STD.) PC THRU-HOLE TERMINATIONS Tiny Pushbutton Switches TP Series B B-13 C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846 Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602 S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926 Rev. A 8/99 |
Numéro de pièce similaire - TP11SHAPE2 |
|
Description similaire - TP11SHAPE2 |