Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CA70-1 Fiches technique(PDF) 1 Page - Tyco Electronics

No de pièce CA70-1
Description  Cascadable Amplifier 10 to 250 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

CA70-1 Fiches technique(HTML) 1 Page - Tyco Electronics

  CA70-1 Datasheet HTML 1Page - Tyco Electronics CA70-1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cascadable Amplifier
10 to 250 MHz
A70-1/ SMA70-1
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
Electrical Specifications: Z0 = 50Ω
Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
5-300
10-250
10-250
Small Signal Gain (min)
dB
8.0
7.5
7.0
Gain Flatness (max)
dB
±0.3
±0.5
±0.7
Reverse Isolation
dB
11
Noise Figure (max)
dB
1.8
2.3
2.8
Power Output
@ 1 dB comp. (min)
dBm
14.0
13.0
12.5
IP3
dBm
+28
IP2
dBm
+38
Second Order Harmonic IP
dBm
+44
VSWR Input / Output (max)
1.9:1 / 1.9:1
2.1:1 / 2.1:1
2.3:1 / 2.3:1
DC Current @ 15 Volts (max)
mA
15
17
19
Features
• AVAILABLE IN SURFACE MOUNT
• LOW NOISE: 1.8 dB (TYP.)
• HIGH EFFICIENCY: +14 dBm (TYP.)
OUTPUT POWER AT 15 mA (TYP.)
Description
The A70-1 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance and
high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. Use of an impedance transformer offers the benefit of
high dynamic range and high efficiency.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
Product Image
Ordering Information
Part Number
Package
A70-1
TO-8
SMA70-1
Surface Mount
CA70-1
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+18 V
Continuous Input Power
13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 sec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.113 W
Junction Temperature Rise
Above Case Tjc
5ºC
* Over temperature performance limits for part number CA70-1, guaranteed from 0
oC to +50oC only.


Numéro de pièce similaire - CA70-1

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
CA70-3 MACOM-CA70-3 Datasheet
365Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
More results

Description similaire - CA70-1

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
A83-1 MA-COM-A83-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
Tyco Electronics
A70 MACOM-A70_1 Datasheet
369Kb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
A70-1 MA-COM-A70-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 250 MHz
logo
Tyco Electronics
A231 MACOM-A231_1 Datasheet
378Kb / 2P
   Cascadable Amplifier 10 to 250 MHz
A70 MACOM-A70 Datasheet
108Kb / 1P
   10 TO 250 MHz CASCADABLE AMPLIFIER
A83-1 MACOM-A83-1 Datasheet
106Kb / 1P
   10 TO 250 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A181 MA-COM-A181 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 250 MHz
EA54 MA-COM-EA54 Datasheet
126Kb / 2P
   Cascadable Amplifier 10 to 250 MHz
A181 MA-COM-A181_15 Datasheet
636Kb / 3P
   Cascadable Amplifier 10 to 250 MHz
logo
Tyco Electronics
A231 MACOM-A231 Datasheet
109Kb / 1P
   10 TO 250 MHz CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com