Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA35-1 Fiches technique(PDF) 2 Page - Tyco Electronics

No de pièce SMA35-1
Description  Cascadable Amplifier 2 to 2400 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

SMA35-1 Fiches technique(HTML) 2 Page - Tyco Electronics

  SMA35-1 Datasheet HTML 1Page - Tyco Electronics SMA35-1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cascadable Amplifier
2 to 2400 MHz
A35-1/ SMA35-1
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
Outline Drawing: TO-8
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Typical Performance Curves at +25°C
Outline Drawing: Surface Mount
*
Outline Drawing: SMA Connectorized
*
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 19 grams (0.67 oz.) max


Numéro de pièce similaire - SMA35-1

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
SMA35-1 MA-COM-SMA35-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 2 to 2400 MHz
More results

Description similaire - SMA35-1

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
SMA33-1 MA-COM-SMA33-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 2 to 2400 MHz
SMA35-1 MA-COM-SMA35-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 2 to 2400 MHz
logo
Tyco Electronics
A33-1 MACOM-A33-1 Datasheet
108Kb / 1P
   2 TO 2400 MHz CASCADABLE AMPLIFIER
A33-1 MACOM-A33-1_1 Datasheet
382Kb / 2P
   Cascadable Amplifier 2 to 2400 MHz
logo
Teledyne Technologies I...
AC2426 TELEDYNE-AC2426 Datasheet
160Kb / 2P
   10 TO 2400 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A25-1 MACOM-A25-1 Datasheet
107Kb / 1P
   2 TO 1500 MHz CASCADABLE AMPLIFIER
A25-1 MACOM-A25-1_1 Datasheet
364Kb / 2P
   Cascadable Amplifier 2 to 1500 MHz
logo
M/A-COM Technology Solu...
SMA25-1 MA-COM-SMA25-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 2 to 1500 MHz
logo
Teledyne Technologies I...
UTOUTC0515 TELEDYNE-UTOUTC0515 Datasheet
303Kb / 6P
   Thin-Film Cascadable Amplifier 2 to 500 MHz
UTOUTC2024 TELEDYNE-UTOUTC2024 Datasheet
183Kb / 6P
   Thin-Film Cascadable Amplifier 2 to 2000 MHz
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com