Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TP11SHZQE Fiches technique(PDF) 1 Page - ITT Industries

No de pièce TP11SHZQE
Description  Tiny Pushbutton Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

TP11SHZQE Fiches technique(HTML) 1 Page - ITT Industries

  TP11SHZQE Datasheet HTML 1Page - ITT Industries TP11SHZQE Datasheet HTML 2Page - ITT Industries TP11SHZQE Datasheet HTML 3Page - ITT Industries TP11SHZQE Datasheet HTML 4Page - ITT Industries TP11SHZQE Datasheet HTML 5Page - ITT Industries TP11SHZQE Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Typical Applications
S Telecommunications and networking equipment
S Computers and peripherals
S Instrumentation and controls
Our easy Build-A-Switch concept allows you to mix and match options to create the switch you need. Below is a complete
listing of options shown in catalog. To order, simply select desired option from each category and place in the appropriate box.
Switches with standard options are shown on pages B-11 and B-12. Available options are shown and described on pages B-12
thru B-16. For additional options not shown in catalog, consult Customer Service Center. All models have epoxy terminal seal
and are compatible with all “bottom-wash” PCB cleaning methods.
Build-A-Switch
Features /Benefits
S Subminiature size—capable of
switching 1 AMP
S Vertical & right angle terminations
S PC & panel mount models
S Snap-in front panel mounting available
Models Available
TP 1
1
S
H 8
A
B
E
Switch Function
TP11 (STD.) SPST Off-Mom.
TP12 (STD.) SPDT On-Mom.
TP21 DPST Off-Mom.
Actuator or Bushing
SH (STD.) .155
 high plunger, unthreaded,
.220
 high bushing, round
SH8 (STD.) .155
 high plunger, unthreaded,
.220
 high bushing, flat
SH9 (STD.) .155
 high plunger,
.220
 high bushing
J80 Snap-in
J81 Snap-in with frame
LT
.215
 high plunger,
.310
 high bushing, flat
LT9 .215
 high plunger, unthreaded,
.310
 high bushing, flat
MS9 .130
 high plunger,
.020
 high bushing, round
Terminations
A
(STD.) Right angle, PC thru-hole
C
(STD.) PC Thru-hole
Z
(STD.) Solder lug
AV Vertical right angle, PC thru-hole
V3 Vertical mount, v-bracket
W Wire wrap
Contact Material
B (STD.) Gold
Q (STD.) silver
K Gold
M silver
G Gold over silver
L Gold over silver
Seal
E (STD.) Epoxy
Cap Color
2 (STD.) Black
NONE Models with no cap
1 White
3 Red
Frame Color
2 (STD.) Black
NONE Models with no frame
Typical Example:
Tiny Pushbutton Switches
TP Series
B
B-10
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
Rev. A 8/99


Html Pages

1  2  3  4  5  6