Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI9124 Datasheet(Fiches technique) 13 Page - Vishay Siliconix

Numéro de pièce SI9124
Description  500-kHz Push-Pull DC-DC Converter With Integrated Secondary Synchronous Rectification Control
Télécharger  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo 

SI9124 Datasheet(HTML) 13 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Si9124
Vishay Siliconix
New Product
Document Number: 72099
S-03638—Rev. B, 20-Mar-03
www.vishay.com
13
TYPICAL CHARACTERISTICS
0
50
100
150
200
250
0
200
400
600
800
VCC = 12 V
0
5
10
15
20
25
30
35
0
200
400
600
800
0
5
10
15
20
25
30
35
0
200
400
600
800
OUTA, OUTB ISINK vs. VOL
VOL (mV)
VOL (mV)
SEC_SYNC ISOURCE vs. VOH
SEC_SYNC ISINK vs. VOL
VOH (mV)
VCC = 12 V
VCC = 12 V
0
50
100
150
200
250
0
200
400
600
800
OUTA, OUTB ISOURCE vs. VOH
VOH (mV)
VCC = 12 V
4.0
4.5
5.0
5.5
6.0
- 50
0
50
100
Temperature (
_C)
Drivers w/o CLOAD
VCC = 12 V
ICC3 + ICC5 vs. Temperature
3.5
4.0
4.5
5.0
5.5
- 50
0
50
100
IREG2 vs. Temperature
Temperature (
_C)
Drivers w/o CLOAD
VIN = 48 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn