Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9124 Fiches technique(PDF) 8 Page - Vishay Siliconix

No de pièce SI9124
Description  500-kHz Push-Pull DC-DC Converter With Integrated Secondary Synchronous Rectification Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9124 Fiches technique(HTML) 8 Page - Vishay Siliconix

Back Button SI9124 Datasheet HTML 4Page - Vishay Siliconix SI9124 Datasheet HTML 5Page - Vishay Siliconix SI9124 Datasheet HTML 6Page - Vishay Siliconix SI9124 Datasheet HTML 7Page - Vishay Siliconix SI9124 Datasheet HTML 8Page - Vishay Siliconix SI9124 Datasheet HTML 9Page - Vishay Siliconix SI9124 Datasheet HTML 10Page - Vishay Siliconix SI9124 Datasheet HTML 11Page - Vishay Siliconix SI9124 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Si9124
Vishay Siliconix
New Product
www.vishay.com
8
Document Number: 72099
S-03638—Rev. B, 20-Mar-03
DETAILED FUNCTIONAL BLOCK DIAGRAM
Figure 5.
+
-
132 k
W
EP
+
-
-
+
-
+
VREG
9.1 V
VCC
VIN
Pre-Regulator
VUVLO
8.6 V
Reference
Voltage
3.3 V
Voltage
Feedforward
OSC
160
_C Temp
Protection
VSD VUV VUVLO
Logic
Clock
OTP
VREF
VINDET
-
+
ROSC
Oscillator
Clock
60 k
W
VREF/2
PWM
Generator
-
+
-
+
VUV
VSD
VREF
550 mV
Logic
OUTA
VCC2
PGND2
Primary A
Driver
OUTB
SEC_SYNC
PGND
Primary B
Driver
Secondary
Synchronous
Driver
GND
Current
Control
Gain
100 mV
CS2
CS1
VCC
VCC
Blanking
SS Enable
VCC
20
mA
80
mA
SS Control
SS
VREF
9.1 V
DETAILED OPERATION
Start-Up
A detailed Functional Block Diagram is shown in Figure 5 with
additional detail of the pre-regulator shown in Figure 6. The
pre-regulator circuit acts as a linear regulator to provide VCC
directly from the VINEXT supply until the VCC supply voltage
between 10 V to 13.2 V can be sustained from an auxiliary
winding from the secondary of the power inductor.
When VINEXT rises above 0 V (see Figure 6), the internal
pre-regulator begins charging the external capacitor on VCC.
The charging current is limited to typically 40 mA by the internal
DMOS device. When Vcc exceeds the UVLO voltage of 8.8 V,
a soft-start cycle of the controller is initiated to provide power
to the secondary. Once switching commences, the internal
gate drivers for the primary side switching transistors and the
drive current into the secondary synchronization driver draw
additional current from the VCC capacitor and pre-regulator.


Numéro de pièce similaire - SI9124

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9120 VISHAY-SI9120 Datasheet
85Kb / 6P
   Universal Input Switchmode Controller
Rev. H, 15-Nov-04
SI9120 VISHAY-SI9120 Datasheet
170Kb / 9P
   Universal Input Switchmode Controller
01-Jan-2022
SI9120DJ VISHAY-SI9120DJ Datasheet
85Kb / 6P
   Universal Input Switchmode Controller
Rev. H, 15-Nov-04
SI9120DJ-E3 VISHAY-SI9120DJ-E3 Datasheet
85Kb / 6P
   Universal Input Switchmode Controller
Rev. H, 15-Nov-04
SI9120DY VISHAY-SI9120DY Datasheet
85Kb / 6P
   Universal Input Switchmode Controller
Rev. H, 15-Nov-04
More results

Description similaire - SI9124

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9123 VISHAY-SI9123 Datasheet
181Kb / 16P
   500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Control
Rev. B, 20-Mar-03
SI9122 VISHAY-SI9122 Datasheet
218Kb / 17P
   500-kHz Half-Bridge DC-DC Converter With Integrated Secondary Synchronous Rectification Drivers
Rev. F, 18-Oct-04
SI9122E VISHAY-SI9122E_V01 Datasheet
377Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122A VISHAY-SI9122A_08 Datasheet
352Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
Rev. D, 14-Jan-08
SI9122A VISHAY-SI9122A Datasheet
241Kb / 15P
   500-kHz Half-Bridge DC/DC Controller With Integrated Secondary Synchronous Rectification Drivers
Rev. A, 12-Sep-05
SI9122 VISHAY-SI9122_V01 Datasheet
322Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
SI9122 VISHAY-SI9122_08 Datasheet
330Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
Rev. J, 14-Jan-08
SI9122E VISHAY-SI9122E Datasheet
376Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
Rev. D, 21-Jan-08
SI9122A VISHAY-SI9122A_V01 Datasheet
386Kb / 20P
   500-kHz Half-Bridge DC/DC Controller with Integrated Secondary Synchronous Rectification Drivers
01-Jan-2022
logo
ON Semiconductor
MC33470 ONSEMI-MC33470_06 Datasheet
189Kb / 15P
   Synchronous Rectification DC/DC Converter Programmable Integrated Controller
August, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com