Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCT1G07GV Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74AHCT1G07GV
Description  Buffer with open-drain output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT1G07GV Fiches technique(HTML) 5 Page - NXP Semiconductors

  74AHCT1G07GV Datasheet HTML 1Page - NXP Semiconductors 74AHCT1G07GV Datasheet HTML 2Page - NXP Semiconductors 74AHCT1G07GV Datasheet HTML 3Page - NXP Semiconductors 74AHCT1G07GV Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G07GV Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G07GV Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G07GV Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G07GV Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G07GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2002 Oct 02
5
Philips Semiconductors
Product specification
Buffer with open-drain output
74AHC1G07; 74AHCT1G07
DC CHARACTERISTICS
74AHC1G family
At recommended operating conditions; voltages are referenced to GND (ground=0V).
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VIH
HIGH-level input
voltage
2.0
1.5
−−
1.5
1.5
V
3.0
2.1
−−
2.1
2.1
V
5.5
3.85
−−
3.85
3.85
V
VIL
LOW-level input
voltage
2.0
−−
0.5
0.5
0.5
V
3.0
−−
0.9
0.9
0.9
V
5.5
−−
1.65
1.65
1.65
V
VOL
LOW-level output
voltage
VI =VIH or VIL;
IO =50 µA
2.0
0
0.1
0.1
0.1
V
VI =VIH or VIL;
IO =50 µA
3.0
0
0.1
0.1
0.1
V
VI =VIH or VIL;
IO =50 µA
4.5
0
0.1
0.1
0.1
V
VI =VIH or VIL;
IO = 4.0 mA
3.0
−−
0.36
0.44
0.55
V
VI =VIH or VIL;
IO = 8.0 mA
4.5
−−
0.36
0.44
0.55
V
ILI
input leakage
current
VI =VCC or GND
5.5
−−
0.1
1.0
2.0
µA
IOZ
3-state output
OFF-state current
VI =VIH or VIL;
VO =VCC or GND
5.5
−−±0.25 −±2.5
−±10.0 µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
5.5
−−
1.0
10
20
µA
CI
input capacitance
1.5
10
10
10
pF


Numéro de pièce similaire - 74AHCT1G07GV

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHCT1G07GV NXP-74AHCT1G07GV Datasheet
78Kb / 11P
   Buffer with open-drain output
Rev. 06-7 June 2007
More results

Description similaire - 74AHCT1G07GV

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G07 PHILIPS-74LVC1G07 Datasheet
67Kb / 15P
   Buffer with open-drain output
2004 Sep 07
logo
Unisonic Technologies
U74HCT3G07 UTC-U74HCT3G07_15 Datasheet
161Kb / 4P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
NL17SG07 ONSEMI-NL17SG07 Datasheet
95Kb / 9P
   Buffer with Open Drain Output
August, 2014 ??Rev. 5
NL17SG07E ONSEMI-NL17SG07E Datasheet
72Kb / 6P
   Buffer with Open Drain Output
August, 2018 ??Rev. 2
logo
Nexperia B.V. All right...
74AHC1G07 NEXPERIA-74AHC1G07 Datasheet
205Kb / 10P
   Buffer with open-drain output
Rev. 9 - 11 January 2022
74LVC1G07-Q100 NEXPERIA-74LVC1G07-Q100 Datasheet
219Kb / 12P
   Buffer with open-drain output
Rev. 5 - 3 February 2022
logo
Unisonic Technologies
U74AHC1G07 UTC-U74AHC1G07 Datasheet
145Kb / 5P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74AHC_AHCT1G07 PHILIPS-74AHC_AHCT1G07_15 Datasheet
140Kb / 12P
   Buffer with open-drain output
Rev. 7-18 November 2014
74LVC1G07 NXP-74LVC1G07 Datasheet
86Kb / 14P
   Buffer with open-drain output
Rev. 08-17 July 2007
logo
Nexperia B.V. All right...
74LVC1G07 NEXPERIA-74LVC1G07 Datasheet
266Kb / 17P
   Buffer with open-drain output
Rev. 16 - 3 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com