Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCT126D Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74AHCT126D
Description  Quad buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT126D Fiches technique(HTML) 3 Page - NXP Semiconductors

  74AHCT126D Datasheet HTML 1Page - NXP Semiconductors 74AHCT126D Datasheet HTML 2Page - NXP Semiconductors 74AHCT126D Datasheet HTML 3Page - NXP Semiconductors 74AHCT126D Datasheet HTML 4Page - NXP Semiconductors 74AHCT126D Datasheet HTML 5Page - NXP Semiconductors 74AHCT126D Datasheet HTML 6Page - NXP Semiconductors 74AHCT126D Datasheet HTML 7Page - NXP Semiconductors 74AHCT126D Datasheet HTML 8Page - NXP Semiconductors 74AHCT126D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1999 Sep 29
3
Philips Semiconductors
Product specification
Quad buffer/line driver; 3-state
74AHC126; 74AHCT126
ORDERING INFORMATION
OUTSIDE NORTH
AMERICA
NORTH AMERICA
PACKAGES
PINS
PACKAGE
MATERIAL
CODE
74AHC126D
74AHC126D
14
SO
plastic
SOT108-1
74AHC126PW
74AHC126PW DH
14
TSSOP
plastic
SOT402-1
74AHCT126D
74AHCT126D
14
SO
plastic
SOT108-1
74AHCT126PW
7AHCT126PW DH
14
TSSOP
plastic
SOT402-1
Fig.1 Pin configuration.
MNA233
126
1
2
3
4
5
6
7
8
14
13
12
11
10
9
1OE
1A
1Y
2OE
2A
2Y
GND
3Y
3A
3OE
4Y
4A
4OE
VCC
Fig.2 Logic diagram.
handbook, halfpage
MNA234
nOE
nA
nY
Fig.3 Functional diagram.
handbook, halfpage
MNA235
1A
1Y
2
1
3
1OE
2A
2Y
5
4
6
2OE
3A
3Y
9
10
8
3OE
4A
4Y
12
13
11
4OE
Fig.4 IEC logic symbol.
handbook, halfpage
MNA236
1
EN1
1
3
2
4
6
5
10
8
9
13
11
12


Numéro de pièce similaire - 74AHCT126D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHCT126D NXP-74AHCT126D Datasheet
99Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-12 August 2009
logo
Nexperia B.V. All right...
74AHCT126D NEXPERIA-74AHCT126D Datasheet
251Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 5 - 28 April 2020
74AHCT126D-Q100 NEXPERIA-74AHCT126D-Q100 Datasheet
715Kb / 16P
   Quad buffer/line driver; 3-state
More results

Description similaire - 74AHCT126D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
74ALVC125 NEXPERIA-74ALVC125 Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
logo
NXP Semiconductors
74LV125 PHILIPS-74LV125 Datasheet
111Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
74HC_HCT125 PHILIPS-74HC_HCT125_15 Datasheet
184Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 5-19 January 2015
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com