Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC132D Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74AHC132D
Description  Quad 2-input NAND Schmitt trigger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC132D Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74AHC132D Datasheet HTML 6Page - NXP Semiconductors 74AHC132D Datasheet HTML 7Page - NXP Semiconductors 74AHC132D Datasheet HTML 8Page - NXP Semiconductors 74AHC132D Datasheet HTML 9Page - NXP Semiconductors 74AHC132D Datasheet HTML 10Page - NXP Semiconductors 74AHC132D Datasheet HTML 11Page - NXP Semiconductors 74AHC132D Datasheet HTML 12Page - NXP Semiconductors 74AHC132D Datasheet HTML 13Page - NXP Semiconductors 74AHC132D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1999 Sep 24
10
Philips Semiconductors
Product specification
Quad 2-input NAND Schmitt trigger
74AHC132; 74AHCT132
Fig.11 Typical AHC transfer characteristics;
VCC = 5.5 V.
handbook, halfpage
02
6
6
0
2
4
MNA413
4
VI (V)
ICC
(mA)
Fig.12 Typical AHCT transfer characteristics;
VCC = 4.5 V.
handbook, halfpage
05
VI (V)
ICC
(mA)
6
0
MNA414
2
4
1234
Fig.13 Typical AHCT transfer characteristics;
VCC = 5.5 V.
handbook, halfpage
02
6
8
0
2
4
6
MNA415
4
VI (V)
ICC
(mA)
Fig.14 Relaxation oscillator.
For AHC:
For AHCT:
f
1
T
---
1
0.55
RC
×
---------------------------
=
f
1
T
---
1
0.60
RC
×
---------------------------
=
handbook, halfpage
MNA416
R
VCC
VA
C


Numéro de pièce similaire - 74AHC132D

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AHC132D NEXPERIA-74AHC132D Datasheet
276Kb / 16P
   Quad 2-input NAND Schmitt trigger
Rev. 7 - 3 July 2020
74AHC132D-Q100 NEXPERIA-74AHC132D-Q100 Datasheet
744Kb / 18P
   Quad 2-input NAND Schmitt trigger
More results

Description similaire - 74AHC132D

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com