Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMC527 Fiches technique(PDF) 1 Page - Hittite Microwave Corporation

No de pièce HMC527
Description  GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITTITE [Hittite Microwave Corporation]
Site Internet  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC527 Fiches technique(HTML) 1 Page - Hittite Microwave Corporation

  HMC527 Datasheet HTML 1Page - Hittite Microwave Corporation HMC527 Datasheet HTML 2Page - Hittite Microwave Corporation HMC527 Datasheet HTML 3Page - Hittite Microwave Corporation HMC527 Datasheet HTML 4Page - Hittite Microwave Corporation HMC527 Datasheet HTML 5Page - Hittite Microwave Corporation HMC527 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
3 - 162
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC527
GaAs MMIC I/Q MIXER
8.5 - 13.5 GHz
v00.1204
General Description
Features
Typical Applications
The HMC527 is a compact I /Q MMIC mixer which can
be used as either an Image Reject Mixer or a Single
Sideband Upconverter. The chip utilizes two standard
Hittite double balanced mixer cells and a 90 degree
hybrid fabricated in a GaAs MESFET process. All
data shown below is taken with the chip mounted in
a 50 Ohm test fixture and includes the effects of 1 mil
diameter x 20 mil length bond wires on each port. A
low frequency quadrature hybrid was used to produce
a 100 MHz USB IF output. This product is a much
smaller alternative to hybrid style Image Reject Mixers
and Single Sideband Upconverter assemblies.
Electrical Specifications, T
A = +25° C, IF= 100 MHz, LO = +19 dBm*
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, RF/LO
8.5 - 13.5
10.5 - 12
GHz
Frequency Range, IF
DC - 2
DC - 2
GHz
Conversion Loss (As IRM)
8
10
7.5
9.5
dB
Image Rejection
17
25
27
35
dB
1 dB Compression (Input)
+21
+21
dBm
LO to RF Isolation
35
45
45
50
dB
LO to IF Isolation
17
22
19
24
dB
IP3 (Input)
+25
+28
dBm
Amplitude Balance
0.7
0.5
dB
Phase Balance
6
6
Deg
* Unless otherwise noted, all measurements performed as downconverter.
Functional Diagram
The HMC527 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radio
• VSAT
Wide IF Bandwidth: DC - 2 GHz
Image Rejection: 35 dB
LO to RF Isolation: 50 dB
High Input IP3: +28 dBm


Numéro de pièce similaire - HMC527

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC527 HITTITE-HMC527 Datasheet
228Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
logo
Micross Components
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
   Point-to-Point and Point-to-Multi-Point Radio
logo
Hittite Microwave Corpo...
HMC527LC4 HITTITE-HMC527LC4 Datasheet
280Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527LC4 HITTITE-HMC527LC4 Datasheet
206Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527LC4 HITTITE-HMC527LC4_09 Datasheet
206Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
More results

Description similaire - HMC527

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC527 HITTITE-HMC527_09 Datasheet
228Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527LC4 HITTITE-HMC527LC4_09 Datasheet
206Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521 HITTITE-HMC521_09 Datasheet
237Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527LC4 HITTITE-HMC527LC4 Datasheet
280Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
logo
Analog Devices
HMC521ACHIPS AD-HMC521ACHIPS Datasheet
660Kb / 25P
   8.5 GHz to 13.5 GHz, GaAs, MMIC, I/Q Mixer
logo
Hittite Microwave Corpo...
HMC-C042 HITTITE-HMC-C042 Datasheet
285Kb / 6P
   GaAs MMIC I/Q MIXER MODULE 8.5 - 13.5 GHz
HMC525 HITTITE-HMC525 Datasheet
315Kb / 6P
   GaAs MMIC I/Q MIXER 4.0 - 8.5 GHz
HMC525LC4 HITTITE-HMC525LC4_09 Datasheet
212Kb / 6P
   GaAs MMIC I/Q MIXER 4 - 8.5 GHz
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com