Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ABT845D Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74ABT845D
Description  8-bit bus interface latch with set and reset 3-State
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT845D Fiches technique(HTML) 6 Page - NXP Semiconductors

  74ABT845D Datasheet HTML 1Page - NXP Semiconductors 74ABT845D Datasheet HTML 2Page - NXP Semiconductors 74ABT845D Datasheet HTML 3Page - NXP Semiconductors 74ABT845D Datasheet HTML 4Page - NXP Semiconductors 74ABT845D Datasheet HTML 5Page - NXP Semiconductors 74ABT845D Datasheet HTML 6Page - NXP Semiconductors 74ABT845D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors
Product specification
74ABT845
8-bit bus interface latch with set and reset
(3-State)
1995 Sep 06
6
AC WAVEFORMS
NOTE: For all waveforms, VM = 1.5V.
VM
VM
VM
VM
tPLH
tPHL
PRE
Qn
MR, Dn
SA00254
Waveform 1. Propagation Delay, Data to Output,
Preset to Output, and Master Reset to Output
VM
Dn
VM
VM
VM
VM
VM
LE
ts(H)
th(H)
ts(L)
th(L)
VM
tw(H)
NOTE: The shaded areas indicate when the input is permitted
to change for predictable output performance.
SA00256
Waveform 3. Data Setup and Hold Times and Latch Enable
Pulse Width
OE
tPZL
tPLZ
VOL +0.3V
Qn
VM
VM
VM
VOL
SA00109
Waveform 5. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level
VM
VM
VM
VM
tPLH
tPHL
LE
Qn
Dn
SA00255
Waveform 2. Propagation Delay, Latch Enable
to Output
OE
VM
tPZH
tPHZ
0V
Qn
VM
VM
SA00066
VOH–0.3V
Waveform 4. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
VM
PRE, MR
VM
Qn
tw(L)
VM
tREC
LE
Qn
SA00257
Waveform 6. Master Reset and Preset Pulse Width and Master
Reset and Preset to Latch Enable Recovery Time


Numéro de pièce similaire - 74ABT845D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ABT841 PHILIPS-74ABT841 Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
74ABT841D PHILIPS-74ABT841D Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
74ABT841D NXP-74ABT841D Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
74ABT841DB PHILIPS-74ABT841DB Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
More results

Description similaire - 74ABT845D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ABT843 PHILIPS-74ABT843 Datasheet
113Kb / 14P
   9-bit interface latch with set and reset 3-State
1998 Jan 16
logo
Texas Instruments
SN74ALS845 TI1-SN74ALS845_11 Datasheet
223Kb / 9P
[Old version datasheet]   8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS845 TI-SN74ALS845 Datasheet
92Kb / 6P
[Old version datasheet]   8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74BCT29846 TI1-SN74BCT29846 Datasheet
98Kb / 5P
[Old version datasheet]   8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
74ABT16841A PHILIPS-74ABT16841A Datasheet
82Kb / 10P
   20-bit bus interface latch 3-State
1998 Feb 27
74ABT841 PHILIPS-74ABT841 Datasheet
69Kb / 6P
   10-bit bus interface latch 3-State
1995 Sep 06
MB2841 PHILIPS-MB2841 Datasheet
66Kb / 10P
   Dual 10-bit bus interface latch 3-State
August 24, 1993
logo
Texas Instruments
CY74FCT825T TI1-CY74FCT825T_14 Datasheet
813Kb / 14P
[Old version datasheet]   8-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
   20-bit bus interface D-type latch 3-State
1998 Jul 27
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com