Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H04N60F Fiches technique(PDF) 1 Page - Hi-Sincerity Mocroelectronics

No de pièce H04N60F
Description  N-Channel Power Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HSMC [Hi-Sincerity Mocroelectronics]
Site Internet  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H04N60F Fiches technique(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H04N60F Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H04N60F Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H04N60F Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H04N60F Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H04N60F Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200404
Issued Date : 2004.07.01
Revised Date : 2005.09.28
Page No. : 1/5
H04N60E, H04N60F
HSMC Product Specification
H04N60 Series
N-Channel Power Field Effect Transistor
Description
This advanced high voltage MOSFET is designed to withstand high
energy in the avalanche mode and switch efficiently. This new high energy
device also offers a drain-to-source diode with fast recovery time.
Designed for high voltage, high speed switching applications such as
power suplies, converters, power motor controls and bridge circuits.
Features
• Higher Current Rating
• Lower RDS(on)
• Lower Capacitances
• Lower Total Gate Charge
• Tighter VSD Specifications
• Avalanche Energy Specified
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
I
D
Drain to Current (Continuous)
4
A
I
DM
Drain to Current (Pulsed)
16
A
V
GS
Gate-to-Source Voltage (Continue)
±30
V
Total Power Dissipation (T
C=25
oC)
H04N60E (TO-220AB)
H04N60F (TO-220FP)
70
30
W
P
D
Derate above 25
°C
H04N60E (TO-220AB)
H04N60F (TO-220FP)
0.56
0.2
W/
°C
T
j, Tstg
Operating and Storage Temperature Range
-55 to 150
°C
E
AS
Single Pulse Drain-to-Source Avalanche Enrgy-Tj=25
°C
(V
DD=100V, VGS=10V, IL=2A, L=10mH, RG=25Ω)
250
mJ
T
L
Maximum Lead Temperature for Soldering Purposes, 1/8”
from case for 10 seconds
260
°C
H04N60 Series Pin Assignment
1
2
3
3-Lead Plastic TO-220FP
Package Code: F
Pin 1: Gate
Pin 2: Drain
Pin 3: Source
3-Lead Plastic TO-220AB
Package Code: E
Pin 1: Gate
Pin 2 & Tab: Drain
Pin 3: Source
1
2
3
Tab
H04N60 Series
Symbol:
G
D
S


Numéro de pièce similaire - H04N60F

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Barry
H04Z-0100J2T-00C36-X BARRY-H04Z-0100J2T-00C36-X Datasheet
553Kb / 1P
   Aluminum Nitride
09/19/06
H04Z-0200JT-00C36-X BARRY-H04Z-0200JT-00C36-X Datasheet
559Kb / 1P
   Aluminum Nitride
09/19/06
H04Z-0300J2T-00C36-X BARRY-H04Z-0300J2T-00C36-X Datasheet
559Kb / 1P
   Aluminum Nitride
09/19/06
H04Z-0500J2T-00C36-X BARRY-H04Z-0500J2T-00C36-X Datasheet
193Kb / 1P
   Aluminum Nitride
Rev.A 9/18/07
H04Z-1000J2T-00C36-X BARRY-H04Z-1000J2T-00C36-X Datasheet
193Kb / 1P
   Aluminum Nitride
Rev.A 9/18/07
More results

Description similaire - H04N60F

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
H06N60 HSMC-H06N60 Datasheet
71Kb / 6P
   N-Channel Power Field Effect Transistor
H01N45A HSMC-H01N45A Datasheet
44Kb / 4P
   N-Channel Power Field Effect Transistor
H01N60S HSMC-H01N60S Datasheet
62Kb / 5P
   N-Channel Power Field Effect Transistor
H03N60 HSMC-H03N60 Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
H07N65 HSMC-H07N65 Datasheet
168Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60 HSMC-H02N60 Datasheet
74Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60S HSMC-H02N60S Datasheet
77Kb / 6P
   N-Channel Power Field Effect Transistor
H05N60 HSMC-H05N60 Datasheet
60Kb / 5P
   N-Channel Power Field Effect Transistor
H07N60 HSMC-H07N60 Datasheet
61Kb / 5P
   N-Channel Power Field Effect Transistor
H01N60 HSMC-H01N60 Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
H02N65 HSMC-H02N65 Datasheet
171Kb / 6P
   N-Channel Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com